Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 28Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 29Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 30Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 31Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 32Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 33Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 34Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 35Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 282 page
background image
32
7728D–AVR–07/09
ATtiny87/ATtiny167
–‘Recover System Clock Source’,
–‘Enable Watchdog in Automatic Reload Mode’.
• Command status return. The ‘Request Clock Availability ’ command returns status via the
CLKRDY bit in the CLKCSR register. The ‘Recover System Clock Source ’ command
returns a code of the current clock source in the CLKSELR register. This information is
used in the supervisory software routines as shown in Section 4.3.7 on page 33.
4.3.2
CLKSELR Register
4.3.2.1
Fuses Substitution
At reset, bits of the Low Fuse Byte are copied into the CLKSELR register. The content of this
register can subsequently be user modified to overwrite the default values from the Low Fuse
Byte. CKSEL3..0, SUT1..0 and CKOUT fuses correspond respectively to CSEL3..0, CSUT1:0
and ~(COUT) bits of the CLKSELR register as shown in Figure 4-5 on page 32.
4.3.2.2
Source Selection
The available codes of clock source are given in Table 4-1 on page 25.
Figure 4-5.
Fuses substitution and Clock Source Selection
The CLKSELR register contains the CSEL, CSUT and COUT values which will be used by the
‘Enable/Disable Clock Source’, ‘Request for Clock Availability’ or ‘Clock Source Switching’
commands.
4.3.2.3
Source Recovering
The ‘Recover System Clock Source’ command updates the CKSEL field of CLKSELR register
(See “System Clock Source Recovering” on page 33.).
4.3.3
Enable/Disable Clock Source
The ‘Enable Clock Source’ command selects and enables a clock source configured by the
settings in the CLKSELR register. CSEL3..0 will select the clock source and CSUT1:0 will
select the start-up time (just as CKSEL and SUT fuse bits do). To be sure that a clock source
is operating, the ‘Request for Clock Availability ’ command must be executed after the ‘Enable
Register:
CLKSELR
Fuse:
Fuse Low Byte
SEL-1
SEL-0
SEL-2
SEL-n
CKSEL[3..0]
SUT[1..0]
EN-1
EN-0
EN-2
EN-n
CKOUT
Reset
SCLKRq
(*)
SCLKRq
(*): Command of Clock Control & Status Register
Selected
Configuration
Clock
Switch
Current
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com