Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 13Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 14Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 15Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 16Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 17Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 18Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 19Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 20Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 282 page
background image
17
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 3-2.
Data Memory Map
3.2.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clk
CPU cycles as described in Figure 3-3.
Figure 3-3.
On-chip Data SRAM Access Cycles
3.3
EEPROM Data Memory
The ATtiny87/167 contains EEPROM memory (see “E2 size” in Table 3-1 on page 15). It is
organized as a separate data space, in which single bytes can be read and written. The
EEPROM has an endurance of at least 100,000 write/erase cycles in automotive range. The
access between the EEPROM and the CPU is described in the following, specifying the
EEPROM Address Registers, the EEPROM Data Register and the EEPROM Control
Register.
Section 21. “Memory Programming” on page 225 contains a detailed description on EEPROM
programming in SPI or Parallel Programming mode.
32 Registers
64 I/O Registers
Internal SRAM
(ISRAM size)
0x0000 - 0x001F
0x0020 - 0x005F
ISRAM end
0x0060 - 0x00FF
Data Memory
160 Ext I/O Reg.
ISRAM start
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com