Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 30Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 31Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 32Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 33Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 34Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 35Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 36Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 37Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 282 page
background image
34
7728D–AVR–07/09
ATtiny87/ATtiny167
It is strongly recommended to run this sequence only once the interrupts have been disabled.
The user (code) is responsible for the correct implementation of the clock switching sequence.
Here is a “light” C-code that describes such a sequence of commands.
Warning:
In the ATtiny87/167, only one among the three external clock sources can be enabled at a
given time. Moreover, the enables of the external clock and of the external low-frequency
oscillator are shared with the asynchronous timer.
4.3.8
Clock Monitoring
A safe system needs to monitor its clock sources. Two domains need to be monitored:
- Clock sources for peripherals,
- Clocks sources for system clock generation.
C Code Example
void ClockSwiching (unsigned char clk
_number, unsigned char sut) {
#define CLOCK
_RECOVER
0x05
#define CLOCK
_ENABLE
0x02
#define CLOCK
_SWITCH
0x04
#define CLOCK
_DISABLE
0x01
unsigned char previous
_clk, temp;
// Disable interrupts
temp = SREG; asm ("cli");
// Save the current system clock source
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_RECOVER;
previous
_clk = CLKSELR & 0x0F;
// Enable the new clock source
CLKSELR = ((sut << 4 ) & 0x30) | (clk
_number & 0x0F);
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_ENABLE;
// Wait for clock validity
while ((CLKCSR & (1 << CLKRDY)) == 0);
// Switch clock source
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_SWITCH;
// Wait for effective switching
while (1){
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_RECOVER;
if ((CLKSELR & 0x0F) == (clk
_number & 0x0F)) break;
}
// Shut down unneeded clock source
if (previous_clk != (clk_number & 0x0F)) {
CLKSELR = previous
_clk;
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_DISABLE;
}
// Re-enable interrupts
SREG = temp;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com