Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 75Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 76Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 77Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 78Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 79Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 80Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 81Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 82Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 282 page
background image
79
7728D–AVR–07/09
ATtiny87/ATtiny167
Table 9-4.
Overriding Signals for Alternate Functions in PA7..PA4
Signal
Name
PA7/PCINT7/
ADC7/AIN1
/XREF/AREF
PA6/PCINT6/
ADC6/AIN0/SS
PA5/PCINT5/ADC5/
T1/USCK/SCL/SCK
PA4/PCINT4/ADC4/
ICP1/DI/SDA/MOSI
PUOE
0
SPE & MSTR
SPE & MSTR
SPE & MSTR
PUOV
0
PORTA6 & PUD
PORTA5 & PUD
PORTA4 & PUD
DDOE
0
SPE & MSTR
(SPE & MSTR) |
(USI_2_WIRE & USIPOS)
(SPE & MSTR) |
(USI_2_WIRE &
USIPOS)
DDOV
0
0
(USI_SCL_HOLD |
PORTA5)
& DDRA6
{ (SPE & MSTR) ?
(0) :
(USI_SHIFTOUT |
PORTA4)
& DDRA4) }
PVOE
0
0
(SPE & MSTR) |
(USI_2_WIRE & USIPOS
& DDRA5)
(SPE & MSTR) |
(USI_2_WIRE & USIPOS
& DDRA4)
PVOV
0
0
{ (SPE & MSTR) ?
(SCK_OUTPUT) :
~ (USI_2_WIRE &
USIPOS
& DDRA5) }
{ (SPE & MSTR) ?
(MOSI_OUTPUT) :
~ (USI_2_WIRE &
USIPOS
& DDRA4) }
PTOE
0
0
USI_PTOE & USIPOS
0
DIEOE
ADC7D |
(PCIE0 &
PCMSK07)
ADC6D |
(PCIE0 &
PCMSK06)
ADC5D |
(USISIE & USIPOS) |
(PCIE0 & PCMSK05)
ADC4D |
(USISIE & USIPOS) |
(PCIE0 & PCMSK04)
DIEOV
PCIE0 &
PCMSK07
PCIE0 &
PCMSK06
(USISIE & USIPOS) |
(PCIE0 & PCMSK05)
(USISIE & USIPOS) |
(PCIE0 & PCMSK04)
DI
PCINT7
PCINT6 -/- SS
PCINT5 -/- T1
-/- USCK -/- SCL -/- SCK
PCINT4 -/- ICP1
-/- DI -/- SDA -/- MOSI
AIO
ADC7 -/- AIN1 -/-
XREF -/- AREF
ADC6 -/- AIN0
ADC5
ADC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com