Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 2Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 3Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 4Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 5Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 6Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 7Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 8Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 9Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 282 page
background image
6
7728D–AVR–07/09
ATtiny87/ATtiny167
1.7
Pin Description
1.7.1
Vcc
Supply voltage.
1.7.2
GND
Ground.
1.7.3
AVcc
Analog supply voltage.
1.7.4
AGND
Analog ground.
1.7.5
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit).
The Port A output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port A pins that are externally pulled low will source current if the
pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes
active, even if the clock is not running.
Port A also serves the functions of various special features of the ATtiny87/167 as listed on
Section 9.3.3 “Alternate Functions of Port A” on page 76.
1.7.6
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit).
The Port B output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port B pins that are externally pulled low will source current if the
pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes
active, even if the clock is not running.
Port B also serves the functions of various special features of the ATtiny87/167 as listed on
Section 9.3.4 “Alternate Functions of Port B” on page 81.
1.8
Resources
A comprehensive set of development tools, application notes and datasheets are available for
download on http://www.atmel.com/avr.
1.9
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts
of the device. These code examples assume that the part specific header file is included
before compilation. Be aware that not all C compiler vendors include bit definitions in the
header files and interrupt handling in C is compiler dependent. Please confirm with the C com-
piler documentation for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com