Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 24Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 25Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 26Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 27Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 28Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 29Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 30Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 31Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 282 page
background image
28
7728D–AVR–07/09
ATtiny87/ATtiny167
4.2.4
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be
configured for use as an On-chip Oscillator, as shown in Figure 4-2. Either a quartz crystal or
a ceramic resonator may be used.
C1 and C2 should always be equal for both crystals and resonators. The optimal value of the
capacitors depends on the crystal or resonator in use, the amount of stray capacitance, and
the electromagnetic noise of the environment. Some initial guidelines for choosing capacitors
for use with crystals are given in Table 4-6. For ceramic resonators, the capacitor values given
by the manufacturer should be used.
Figure 4-2.
Crystal Oscillator Connections
The Oscillator can operate in three different modes, each optimized for a specific frequency
range. The operating mode is selected by CKSEL3..1 fuses or by CSEL3..1 field as shown in
Table 4-6.
Notes:
1. Flash Fuse bits.
2. CLKSELR register bits.
3. This option should not be used with crystals, only with ceramic resonators.
Table 4-6.
Crystal Oscillator Operating Modes
CKSEL3..1(1)
CSEL3..1(2)
Frequency Range (MHz)
Recommended Range for Capacitors
C1 and C2 for Use with Crystals (pF)
100(3)
0.4 - 0.9
–
101
0.9 - 3.0
12 - 22
110
3.0 - 8.0
12 - 22
111
8.0 - 16.0
12 - 22
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com