Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 3 Page - ATMEL Corporation

  ATtiny87-15MZ Datasheet HTML 1Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 2Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 3Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 4Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 5Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 6Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 7Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 8Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 282 page
background image
3
7728D–AVR–07/09
ATtiny87/ATtiny167
1.3
Automotive Quality Grade
The ATtiny87/167 have been developed and manufactured according to the most stringent
requirements of the international standard ISO-TS-16949. This data sheet contains limit val-
ues extracted from the results of extensive characterization (temperature and voltage). The
quality and reliability of the ATtiny87/167 have been verified during regular product qualifica-
tion as per AEC-Q100 grade 1.
As indicated in the ordering information paragraph, this document refers only to grade 1 prod-
ucts, for grade 0 products refer to appendix A.
1.4
Disclaimer
Typical values contained in this data sheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min. and Max val-
ues will be available after the device is characterized.
Table 1-2.
Temperature Grade Identification for Automotive Products
Temperature
Temperature
Identifier
Comments
-40°C / +125°C
Z
Grade 1
-40°C / +150°C
D
Grade 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com