Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 79Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 80Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 81Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 82Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 83Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 84Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 85Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 86Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 282 page
background image
83
7728D–AVR–07/09
ATtiny87/ATtiny167
• PCINT10/OC1AV/USCK/SCL – Port B, Bit 2
PCINT10: Pin Change Interrupt, source 10.
OC1AV: Output Compare and PWM Output A-V for Timer/Counter1. The PB2 pin has to be
configured as an output (DDB2 set (one)) to serve this function. The OC1AV pin is
also the output pin for the PWM mode timer function (c.f. OC1AV bit of TCCR1D regis-
ter).
USCK: Three-wire Mode USI Clock Input.
SCL: Two-wire Mode USI Clock Input.
• PCINT9/OC1BU/DO – Port B, Bit 1
PCINT9: Pin Change Interrupt, source 9.
OC1BU: Output Compare and PWM Output B-U for Timer/Counter1. The PB1 pin has to be
configured as an output (DDB1 set (one)) to serve this function. The OC1BU pin is
also the output pin for the PWM mode timer function (c.f. OC1BU bit of TCCR1D reg-
ister).
DO: Three-wire Mode USI Data Output. Three-wire mode data output overrides PORTB1
and it is driven to the port when the data direction bit DDB1 is set. PORTB1 still
enables the pull-up, if the direction is input and PORTB1 is set (one).
• PCINT8/OC1AU/DI/SDA – Port B, Bit 0
IPCINT8: Pin Change Interrupt, source 8.
OC1AU: Output Compare and PWM Output A-U for Timer/Counter1. The PB0 pin has to be
configured as an output (DDB0 set (one)) to serve this function. The OC1AU pin is
also the output pin for the PWM mode timer function (c.f. OC1AU bit of TCCR1D regis-
ter).
DI: Three-wire Mode USI Data Input. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
SDA: Two-wire Mode Serial Interface (USI) Data Input / Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com