Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 35Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 36Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 37Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 38Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 39Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 40Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 41Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 42Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 282 page
background image
39
7728D–AVR–07/09
ATtiny87/ATtiny167
4.5.3
CLKCSR – Clock Control & Status Register
• Bit 7 – CLKCCE: Clock Control Change Enable
The CLKCCE bit must be written to logic one to enable change of the CLKCSR bits. The
CLKCCE bit is only updated when the other bits in CLKCSR are simultaneously written to
zero. CLKCCE is cleared by hardware four cycles after it is written or when the CLKCSR bits
are written. Rewriting the CLKCCE bit within this time-out period does neither extend the
time-out period, nor clear the CLKCCE bit.
• Bits 6:5 – Res: Reserved Bits
These bits are reserved bits in the ATtiny87/167 and will always read as zero.
• Bits 4 – CLKRDY: Clock Ready Flag
This flag is the output of the ‘Clock Availability ’ logic.
This flag is cleared by the ‘Request for Clock Availability’ command or ‘Enable Clock Source’
command being entered.
It is set when ‘Clock Availability’ logic confirms that the (selected) clock is running and is sta-
ble. The delay from the request and the flag setting is not fixed, it depends on the clock
Table 4-10.
Clock Prescaler Select
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock Division Factor
000
0
1
000
1
2
001
0
4
001
1
8
010
0
16
010
1
32
011
0
64
011
1
128
100
0
256
1
0
0
1
Reserved
1
0
1
0
Reserved
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved
Bit
7
65
4
3210
CLKCCE
–
–
CLKRDY
CLKC3
CLKC2
CLKC1
CLKC0
CLKCSR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
00
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com