Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 38Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 39Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 40Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 41Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 42Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 43Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 44Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 45Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 282 page
background image
42
7728D–AVR–07/09
ATtiny87/ATtiny167
5.
Power Management and Sleep Modes
Sleep modes enable the application to shut down unused modules in the MCU, thereby saving
power. The AVR provides various sleep modes allowing the user to tailor the power consump-
tion to the application’s requirements.
When enabled, the Brown-out Detector (BOD) actively monitors the power supply voltage dur-
ing the sleep periods. To further save power, it is possible to disable the BOD in some sleep
modes. See “BOD Disable” on page 43 for more details.
5.1
Sleep Modes
Figure 4-1 on page 24 presents the different clock systems in the ATtiny87/167, and their dis-
tribution. The figure is helpful in selecting an appropriate sleep mode. Table 5-1 shows the
different sleep modes, their wake up sources and BOD disable ability.
Note:
1. For INT1 and INT0, only level interrupt.
To enter any of the four sleep modes, the SE bit in SMCR must be written to logic one and a
SLEEP instruction must be executed. The SM1, and SM0 bits in the SMCR Register select
which sleep mode (Idle, ADC Noise Reduction, Power-down, or Power-save) will be activated
by the SLEEP instruction. See Table 5-2 on page 47 for a summary.
If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU wakes up. The MCU
is then halted for four cycles in addition to the start-up time, executes the interrupt routine, and
resumes execution from the instruction following SLEEP. The contents of the Register File
and SRAM are unaltered when the device wakes up from sleep. If a reset occurs during sleep
mode, the MCU wakes up and executes from the Reset Vector.
Table 5-1.
Active Clock Domains and Wake-up Sources in the Different Sleep Modes
Active Clock Domains
Oscillators
Wake-up Sources
Sleep Mode
Idle
X
X
X
X
X
X
X
X
XXXX
ADC Noise
Reduction
XX
X
X
X(1)
X
X
XXX
Power-down
X(1)
XX
X
Power-Save
X
X
X(1)
XXX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com