Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87-15MZ Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 55Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 56Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 57Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 58Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 59Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 60Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 61Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 62Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 282 page
background image
59
7728D–AVR–07/09
ATtiny87/ATtiny167
7.
Interrupts
This section describes the specifics of the interrupt handling as performed in ATtiny87/167.
For a general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Han-
dling” on page 12.
7.1
Interrupt Vectors in ATtiny87/167
Table 7-1.
Reset and Interrupt Vectors in ATtiny87/167
Vector
Nb.
Program Address
Source
Interrupt Definition
ATtiny87
ATtiny167
1
0x0000
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset and
Watchdog System Reset
2
0x0001
0x0002
INT0
External Interrupt Request 0
3
0x0002
0x0004
INT1
External Interrupt Request 1
4
0x0003
0x0006
PCINT0
Pin Change Interrupt Request 0
5
0x0004
0x0008
PCINT1
Pin Change Interrupt Request 1
6
0x0005
0x000A
WDT
Watchdog Time-out Interrupt
7
0x0006
0x000C
TIMER1 CAPT
Timer/Counter1 Capture Event
8
0x0007
0x000E
TIMER1 COMPA
Timer/Counter1 Compare Match A
9
0x0008
0x0010
TIMER1 COMPB
Timer/Coutner1 Compare Match B
10
0x0009
0x0012
TIMER1 OVF
Timer/Counter1 Overflow
11
0x000A
0x0014
TIMER0 COMPA
Timer/Counter0 Compare Match A
12
0x000B
0x0016
TIMER0 OVF
Timer/Counter0 Overflow
13
0x000C
0x0018
LIN TC
LIN/UART Transfer Complete
14
0x000D
0x001A
LIN ERR
LIN/UART Error
15
0x000E
0x001C
SPI, STC
SPI Serial Transfer Complete
16
0x000F
0x001E
ADC
ADC Conversion Complete
17
0x0010
0x0020
EE READY
EEPROM Ready
18
0x0011
0x0022
ANALOG COMP
Analog Comparator
19
0x0012
0x0024
USI START
USI
Start Condition Detection
20
0x0013
0x0026
USI OVF
USI Counter Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com