Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 101 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 97Page - ATMEL Corporation ATmega1284P Datasheet HTML 98Page - ATMEL Corporation ATmega1284P Datasheet HTML 99Page - ATMEL Corporation ATmega1284P Datasheet HTML 100Page - ATMEL Corporation ATmega1284P Datasheet HTML 101Page - ATMEL Corporation ATmega1284P Datasheet HTML 102Page - ATMEL Corporation ATmega1284P Datasheet HTML 103Page - ATMEL Corporation ATmega1284P Datasheet HTML 104Page - ATMEL Corporation ATmega1284P Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 380 page
background image
101
8059D–AVR–11/09
ATmega1284P
one allows the OC0A pin to toggle on Compare Matches if the WGM02 bit is set. This option is
not available for the OC0B pin (See Table 13-4 on page 104). The actual OC0x value will only
be visible on the port pin if the data direction for the port pin is set as output. The PWM wave-
form is generated by clearing (or setting) the OC0x Register at the Compare Match between
OCR0x and TCNT0 when the counter increments, and setting (or clearing) the OC0x Register at
Compare Match between OCR0x and TCNT0 when the counter decrements. The PWM fre-
quency for the output when using phase correct PWM can be calculated by the following
equation:
The N variable represents the prescale factor (1, 8, 64, 256, or 1024).
The extreme values for the OCR0A Register represent special cases when generating a PWM
waveform output in the phase correct PWM mode. If the OCR0A is set equal to BOTTOM, the
output will be continuously low and if set equal to MAX the output will be continuously high for
non-inverted PWM mode. For inverted PWM the output will have the opposite logic values.
At the very start of period 2 in Figure 13-7 OCnx has a transition from high to low even though
there is no Compare Match. The point of this transition is to guarantee symmetry around BOT-
TOM. There are two cases that give a transition without Compare Match.
• OCR0A changes its value from MAX, like in Figure 13-7. When the OCR0A value is MAX the
OCn pin value is the same as the result of a down-counting Compare Match. To ensure
symmetry around BOTTOM the OCn value at MAX must correspond to the result of an up-
counting Compare Match.
• The timer starts counting from a value higher than the one in OCR0A, and for that reason
misses the Compare Match and hence the OCn change that would have happened on the way
up.
13.8
Timer/Counter Timing Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T0) is therefore shown as a
clock enable signal in the following figures. The figures include information on when Interrupt
Flags are set. Figure 13-8 contains timing data for basic Timer/Counter operation. The figure
shows the count sequence close to the MAX value in all modes other than phase correct PWM
mode.
Figure 13-8. Timer/Counter Timing Diagram, no Prescaling
Figure 13-9 shows the same timing data, but with the prescaler enabled.
f
OCnxPCPWM
f
clk_I/O
N 510
⋅
------------------
=
clk
Tn
(clk
I/O/1)
TOVn
clk
I/O
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com