Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 99Page - ATMEL Corporation ATmega1284P Datasheet HTML 100Page - ATMEL Corporation ATmega1284P Datasheet HTML 101Page - ATMEL Corporation ATmega1284P Datasheet HTML 102Page - ATMEL Corporation ATmega1284P Datasheet HTML 103Page - ATMEL Corporation ATmega1284P Datasheet HTML 104Page - ATMEL Corporation ATmega1284P Datasheet HTML 105Page - ATMEL Corporation ATmega1284P Datasheet HTML 106Page - ATMEL Corporation ATmega1284P Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 380 page
background image
103
8059D–AVR–11/09
ATmega1284P
13.9
Register Description
13.9.1
TCCR0A – Timer/Counter Control Register A
• Bits 7:6 – COM0A1:0: Compare Match Output A Mode
These bits control the Output Compare pin (OC0A) behavior. If one or both of the COM0A1:0
bits are set, the OC0A output overrides the normal port functionality of the I/O pin it is connected
to. However, note that the Data Direction Register (DDR) bit corresponding to the OC0A pin
must be set in order to enable the output driver.
When OC0A is connected to the pin, the function of the COM0A1:0 bits depends on the
WGM02:0 bit setting. Table 13-2 shows the COM0A1:0 bit functionality when the WGM02:0 bits
are set to a normal or CTC mode (non-PWM).
Table 13-3 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at BOTTOM. See ”Fast PWM Mode” on
page 98 for more details.
Table 13-4 on page 104 shows the COM0A1:0 bit functionality when the WGM02:0 bits are set
to phase correct PWM mode.
Bit
7
6
5
4
3
210
0x24 (0x44)
COM0A1
COM0A0
COM0B1
COM0B0
–
–
WGM01
WGM00
TCCR0A
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 13-2.
Compare Output Mode, non-PWM Mode
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
Toggle OC0A on Compare Match
1
0
Clear OC0A on Compare Match
1
1
Set OC0A on Compare Match
Table 13-3.
Compare Output Mode, Fast PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
01
WGM02 = 0: Normal Port Operation, OC0A Disconnected.
WGM02 = 1: Toggle OC0A on Compare Match.
10
Clear OC0A on Compare Match, set OC0A at BOTTOM,
(non-inverting mode).
11
Set OC0A on Compare Match, clear OC0A at BOTTOM,
(inverting mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com