Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 61Page - ATMEL Corporation ATtiny5 Datasheet HTML 62Page - ATMEL Corporation ATtiny5 Datasheet HTML 63Page - ATMEL Corporation ATtiny5 Datasheet HTML 64Page - ATMEL Corporation ATtiny5 Datasheet HTML 65Page - ATMEL Corporation ATtiny5 Datasheet HTML 66Page - ATMEL Corporation ATtiny5 Datasheet HTML 67Page - ATMEL Corporation ATtiny5 Datasheet HTML 68Page - ATMEL Corporation ATtiny5 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
65
8127C–AVR–10/09
ATtiny4/5/9/10
The procedure for updating ICR0 differs from updating OCR0A when used for defining the TOP
value. The ICR0 Register is not double buffered. This means that if ICR0 is changed to a low
value when the counter is running with none or a low prescaler value, there is a risk that the new
ICR0 value written is lower than the current value of TCNT0. The result will then be that the
counter will miss the compare match at the TOP value. The counter will then have to count to the
MAX value (0xFFFF) and wrap around starting at 0x0000 before the compare match can occur.
The OCR0A Register however, is double buffered. This feature allows the OCR0A I/O location
to be written anytime. When the OCR0A I/O location is written the value written will be put into
the OCR0A Buffer Register. The OCR0A Compare Register will then be updated with the value
in the Buffer Register at the next timer clock cycle the TCNT0 matches TOP. The update is done
at the same timer clock cycle as the TCNT0 is cleared and the TOV0 flag is set.
Using the ICR0 Register for defining TOP works well when using fixed TOP values. By using
ICR0, the OCR0A Register is free to be used for generating a PWM output on OC0A. However,
if the base PWM frequency is actively changed (by changing the TOP value), using the OCR0A
as TOP is clearly a better choice due to its double buffer feature.
In fast PWM mode, the compare units allow generation of PWM waveforms on the OC0x pins.
Setting the COM0x1:0 bits to two will produce a non-inverted PWM and an inverted PWM output
can be generated by setting the COM0x1:0 to three (see Table 11-3 on page 74). The actual
OC0x value will only be visible on the port pin if the data direction for the port pin is set as output
(DDR_OC0x). The PWM waveform is generated by setting (or clearing) the OC0x Register at
the compare match between OCR0x and TCNT0, and clearing (or setting) the OC0x Register at
the timer clock cycle the counter is cleared (changes from TOP to BOTTOM).
The PWM frequency for the output can be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCR0x Register represents special cases when generating a PWM
waveform output in the fast PWM mode. If the OCR0x is set equal to BOTTOM (0x0000) the out-
put will be a narrow spike for each TOP+1 timer clock cycle. Setting the OCR0x equal to TOP
will result in a constant high or low output (depending on the polarity of the output set by the
COM0x1:0 bits.)
A frequency (with 50% duty cycle) waveform output in fast PWM mode can be achieved by set-
ting OC0A to toggle its logical level on each compare match (COM0A1:0 = 1). The waveform
generated will have a maximum frequency of f0A = fclk_I/O/2 when OCR0A is set to zero (0x0000).
This feature is similar to the OC0A toggle in CTC mode, except the double buffer feature of the
Output Compare unit is enabled in the fast PWM mode.
11.8.4
Phase Correct PWM Mode
The phase correct Pulse Width Modulation or phase correct PWM mode (WGM03:0 = 1, 2, 3,
10, or 11) provides a high resolution phase correct PWM waveform generation option. The
phase correct PWM mode is, like the phase and frequency correct PWM mode, based on a dual-
slope operation. The counter counts repeatedly from BOTTOM (0x0000) to TOP and then from
TOP to BOTTOM. In non-inverting Compare Output mode, the Output Compare (OC0x) is
cleared on the compare match between TCNT0 and OCR0x while upcounting, and set on the
compare match while downcounting. In inverting Output Compare mode, the operation is
inverted. The dual-slope operation has lower maximum operation frequency than single slope
fOCnxPWM
fclk_I/O
N1 TOP
+
()
⋅
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com