Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 95Page - ATMEL Corporation ATtiny5 Datasheet HTML 96Page - ATMEL Corporation ATtiny5 Datasheet HTML 97Page - ATMEL Corporation ATtiny5 Datasheet HTML 98Page - ATMEL Corporation ATtiny5 Datasheet HTML 99Page - ATMEL Corporation ATtiny5 Datasheet HTML 100Page - ATMEL Corporation ATtiny5 Datasheet HTML 101Page - ATMEL Corporation ATtiny5 Datasheet HTML 102Page - ATMEL Corporation ATtiny5 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
99
8127C–AVR–10/09
ATtiny4/5/9/10
14.3.6
Operation
The TPI physical layer operates synchronously on the TPICLK provided by the external pro-
grammer. The dependency between the clock edges and data sampling or data change is
shown in Figure 14-6. Data is changed at falling edges and sampled at rising edges.
Figure 14-6. Data changing and Data sampling.
The TPI physical layer supports two modes of operation: Transmit and Receive. By default, the
layer is in Receive mode, waiting for a start bit. The mode of operation is controlled by the
access layer.
14.3.7
Serial Data Reception
When the TPI physical layer is in receive mode, data reception is started as soon as a start bit
has been detected. Each bit that follows the start bit will be sampled at the rising edge of the
TPICLK and shifted into the shift register until the second stop bit has been received. When the
complete frame is present in the shift register the received data will be available for the TPI
access layer.
There are three possible exceptions in the receive mode: frame error, parity error and break
detection. All these exceptions are signalized to the TPI access layer, which then enters the
error state and puts the TPI physical layer into receive mode, waiting for a BREAK character.
• Frame Error Exception. The frame error exception indicates the state of the stop bit. The
frame error exception is set if the stop bit was read as zero.
• Parity Error Exception. The parity of the data bits is calculated during the frame reception.
After the frame is received completely, the result is compared with the parity bit of the frame.
If the comparison fails the parity error exception is signalized.
• Break Detection Exception. The Break detection exception is given when a complete frame
of all zeros has been received.
14.3.8
Serial Data Transmission
When the TPI physical layer is ready to send a new frame it initiates data transmission by load-
ing the shift register with the data to be transmitted. When the shift register has been loaded with
new data, the transmitter shifts one complete frame out on the TPIDATA line at the transfer rate
given by TPICLK.
If a collision is detected during transmission, the output driver is disabled. The TPI access layer
enters the error state and the TPI physical layer is put into receive mode, waiting for a BREAK
character.
TPIDATA
TPICLK
SAMPLE
SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com