Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 10Page - ATMEL Corporation ATtiny5 Datasheet HTML 11Page - ATMEL Corporation ATtiny5 Datasheet HTML 12Page - ATMEL Corporation ATtiny5 Datasheet HTML 13Page - ATMEL Corporation ATtiny5 Datasheet HTML 14Page - ATMEL Corporation ATtiny5 Datasheet HTML 15Page - ATMEL Corporation ATtiny5 Datasheet HTML 16Page - ATMEL Corporation ATtiny5 Datasheet HTML 17Page - ATMEL Corporation ATtiny5 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 168 page
background image
14
8127C–AVR–10/09
ATtiny4/5/9/10
5. Memories
This section describes the different memories in the ATtiny4/5/9/10. Devices have two main
memory areas, the program memory space and the data memory space.
5.1
In-System Re-programmable Flash Program Memory
The ATtiny4/5/9/10 contain 512/1024 bytes of on-chip, in-system reprogrammable Flash mem-
ory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized
as 256/512 x 16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATtiny4/5/9/10
Program Counter (PC) is 9 bits wide, thus capable of addressing the 256/512 program memory
locations, starting at 0x000. “Memory Programming” on page 107 contains a detailed description
on Flash data serial downloading.
Constant tables can be allocated within the entire address space of program memory. Since pro-
gram memory can not be accessed directly, it has been mapped to the data memory. The
mapped program memory begins at byte address 0x4000 in data memory (see Figure 5-1 on
page 15). Although programs are executed starting from address 0x000 in program memory it
must be addressed starting from 0x4000 when accessed via the data memory.
Internal write operations to Flash program memory have been disabled and program memory
therefore appears to firmware as read-only. Flash memory can still be written to externally but
internal write operations to the program memory area will not be succesful.
Timing diagrams of instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 9.
5.2
Data Memory
Data memory locations include the I/O memory, the internal SRAM memory, the non-volatile
memory lock bits, and the Flash memory. See Figure 5-1 on page 15 for an illustration on how
the ATtiny4/5/9/10 memory space is organized.
The first 64 locations are reserved for I/O memory, while the following 32 data memory locations
address the internal data SRAM.
The non-volatile memory lock bits and all the Flash memory sections are mapped to the data
memory space. These locations appear as read-only for device firmware.
The four different addressing modes for data memory are direct, indirect, indirect with pre-decre-
ment, and indirect with post-increment. In the register file, registers R26 to R31 function as
pointer registers for indirect addressing.
The IN and OUT instructions can access all 64 locations of I/O memory. Direct addressing using
the LDS and STS instructions reaches the 128 locations between 0x0040 and 0x00BF.
The indirect addressing reaches the entire data memory space. When using indirect addressing
modes with automatic pre-decrement and post-increment, the address registers X, Y, and Z are
decremented or incremented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com