Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 82Page - ATMEL Corporation ATtiny5 Datasheet HTML 83Page - ATMEL Corporation ATtiny5 Datasheet HTML 84Page - ATMEL Corporation ATtiny5 Datasheet HTML 85Page - ATMEL Corporation ATtiny5 Datasheet HTML 86Page - ATMEL Corporation ATtiny5 Datasheet HTML 87Page - ATMEL Corporation ATtiny5 Datasheet HTML 88Page - ATMEL Corporation ATtiny5 Datasheet HTML 89Page - ATMEL Corporation ATtiny5 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
86
8127C–AVR–10/09
ATtiny4/5/9/10
switched on by setting the ADEN bit in ADCSRA. The prescaler keeps running for as long as the
ADEN bit is set, and is continuously reset when ADEN is low.
When initiating a single ended conversion by setting the ADSC bit in ADCSRA, the conversion
starts at the following rising edge of the ADC clock cycle.
A normal conversion takes 13 ADC clock cycles, as summarised in Table 13-1 on page 87. The
first conversion after the ADC is switched on (ADEN in ADCSRA is set) takes 25 ADC clock
cycles in order to initialize the analog circuitry. See Figure 13-4.
Figure 13-4. ADC Timing Diagram, First Conversion (Single Conversion Mode)
The actual sample-and-hold takes place 3 ADC clock cycles after the start of a normal conver-
sion and 16 ADC clock cycles after the start of a first conversion. See Figure 13-5. When a
conversion is complete, the result is written to the ADC Data Registers, and ADIF is set. In Sin-
gle Conversion mode, ADSC is cleared simultaneously. The software may then set ADSC again,
and a new conversion will be initiated on the first rising ADC clock edge.
Figure 13-5. ADC Timing Diagram, Single Conversion
When Auto Triggering is used, the prescaler is reset when the trigger event occurs. See Figure
13-6. This assures a fixed delay from the trigger event to the start of conversion. In this mode,
the sample-and-hold takes place two ADC clock cycles after the rising edge on the trigger
source signal. Three additional CPU clock cycles are used for synchronization logic.
Conversion Result
ADC Clock
ADSC
Sample & Hold
ADIF
ADCL
Cycle Number
ADEN
1
212
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
First Conversion
Next
Conversion
3
MUX
Update
MUX
Update
Conversion
Complete
1
2
3
4
5
6
7
8
9
10
11
12
13
Conversion Result
ADC Clock
ADSC
ADIF
ADCL
Cycle Number
12
One Conversion
Next Conversion
3
Sample & Hold
MUX
Update
Conversion
Complete
MUX
Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com