Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 25Page - ATMEL Corporation ATtiny5 Datasheet HTML 26Page - ATMEL Corporation ATtiny5 Datasheet HTML 27Page - ATMEL Corporation ATtiny5 Datasheet HTML 28Page - ATMEL Corporation ATtiny5 Datasheet HTML 29Page - ATMEL Corporation ATtiny5 Datasheet HTML 30Page - ATMEL Corporation ATtiny5 Datasheet HTML 31Page - ATMEL Corporation ATtiny5 Datasheet HTML 32Page - ATMEL Corporation ATtiny5 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 168 page
background image
29
8127C–AVR–10/09
ATtiny4/5/9/10
The VLM can also be used to improve reset characteristics at falling supply. Without VLM, the
Power-On Reset (POR) does not activate before supply voltage has dropped to a level where
the MCU is not necessarily functional any more. With VLM, it is possible to generate a reset at
supply voltages where the MCU is still functional.
When active, the VLM circuit consumes some power, as illustrated in Figure 17-48 on page 146.
To save power the VLM circuit can be turned off completely, or it can be switched on and off at
regular intervals. However, detection takes some time and it is therefore recommended to leave
the circuitry on long enough for signals to settle. See “VCC Level Monitor” on page 119.
When VLM is active and voltage at VCC is above the selected trigger level operation will be as
normal and the VLM can be shut down for a short period of time. If voltage at VCC drops below
the selected threshold the VLM will either flag an interrupt or generate a reset, depending on the
configuration.
When the VLM has been configured to generate a reset at low supply voltage it will keep the
device in reset as long as VCC is below the reset level. See Table 8-4 on page 34 for reset level
details. If supply voltage rises above the reset level the condition is removed and the MCU will
come out of reset, and initiate the power-up start-up sequence.
If supply voltage drops enough to trigger the POR then PORF is set after supply voltage has
been restored.
8.2.3
External Reset
An External Reset is generated by a low level on the RESET pin if enabled. Reset pulses longer
than the minimum pulse width (see section “System and Reset Characteristics” on page 119)
will generate a reset, even if the clock is not running. Shorter pulses are not guaranteed to gen-
erate a reset. When the applied signal reaches the Reset Threshold Voltage – VRST – on its
positive edge, the delay counter starts the MCU after the time-out period – tTOUT – has expired.
Figure 8-4.
External Reset During Operation
8.2.4
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle duration. On
the falling edge of this pulse, the delay timer starts counting the time-out period tTOUT. See page
30 for details on operation of the Watchdog Timer and Table 16-4 on page 119 for details on
reset time-out.
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com