Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 32Page - ATMEL Corporation ATtiny5 Datasheet HTML 33Page - ATMEL Corporation ATtiny5 Datasheet HTML 34Page - ATMEL Corporation ATtiny5 Datasheet HTML 35Page - ATMEL Corporation ATtiny5 Datasheet HTML 36Page - ATMEL Corporation ATtiny5 Datasheet HTML 37Page - ATMEL Corporation ATtiny5 Datasheet HTML 38Page - ATMEL Corporation ATtiny5 Datasheet HTML 39Page - ATMEL Corporation ATtiny5 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 168 page
background image
36
8127C–AVR–10/09
ATtiny4/5/9/10
<continued>
0x000B
RESET: ldi
r16, high(RAMEND); Main program start
0x000C
out
SPH,r16
; Set Stack Pointer
0x000D
ldi
r16, low(RAMEND) ; to top of RAM
0x000E
out
SPL,r16
0x000F
sei
; Enable interrupts
0x0010
<instr>
...
...
9.2
External Interrupts
External Interrupts are triggered by the INT0 pin or any of the PCINT3..0 pins. Observe that, if
enabled, the interrupts will trigger even if the INT0 or PCINT3..0 pins are configured as outputs.
This feature provides a way of generating a software interrupt. Pin change 0 interrupts PCI0 will
trigger if any enabled PCINT3..0 pin toggles. The PCMSK Register controls which pins contrib-
ute to the pin change interrupts. Pin change interrupts on PCINT3..0 are detected
asynchronously, which means that these interrupts can be used for waking the part also from
sleep modes other than Idle mode.
The INT0 interrupt can be triggered by a falling or rising edge or a low level. This is set up as
shown in “EICRA – External Interrupt Control Register A” on page 37. When the INT0 interrupt is
enabled and configured as level triggered, the interrupt will trigger as long as the pin is held low.
Note that recognition of falling or rising edge interrupts on INT0 requires the presence of an I/O
clock, as described in “Clock System” on page 17.
9.2.1
Low Level Interrupt
A low level interrupt on INT0 is detected asynchronously. This means that the interrupt source
can be used for waking the part also from sleep modes other than Idle (the I/O clock is halted in
all sleep modes except Idle).
Note that if a level triggered interrupt is used for wake-up from Power-down, the required level
must be held long enough for the MCU to complete the wake-up to trigger the level interrupt. If
the level disappears before the end of the Start-up Time, the MCU will still wake up, but no inter-
rupt will be generated. The start-up time is defined as described in “Clock System” on page 17.
If the low level on the interrupt pin is removed before the device has woken up then program
execution will not be diverted to the interrupt service routine but continue from the instruction fol-
lowing the SLEEP command.
9.2.2
Pin Change Interrupt Timing
A timing example of a pin change interrupt is shown in Figure 9-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com