Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 38Page - ATMEL Corporation ATtiny5 Datasheet HTML 39Page - ATMEL Corporation ATtiny5 Datasheet HTML 40Page - ATMEL Corporation ATtiny5 Datasheet HTML 41Page - ATMEL Corporation ATtiny5 Datasheet HTML 42Page - ATMEL Corporation ATtiny5 Datasheet HTML 43Page - ATMEL Corporation ATtiny5 Datasheet HTML 44Page - ATMEL Corporation ATtiny5 Datasheet HTML 45Page - ATMEL Corporation ATtiny5 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 168 page
background image
42
8127C–AVR–10/09
ATtiny4/5/9/10
The DDxn bit in the DDRx Register selects the direction of this pin. If DDxn is written logic one,
Pxn is configured as an output pin. If DDxn is written logic zero, Pxn is configured as an input
pin.
If PORTxn is written logic one when the pin is configured as an output pin, the port pin is driven
high (one). If PORTxn is written logic zero when the pin is configured as an output pin, the port
pin is driven low (zero).
The pull-up resistor is activated, if the PUExn is written logic one. To switch the pull-up resistor
off, PUExn has to be written logic zero.
Table 10-1 summarizes the control signals for the pin value.
Port pins are tri-stated when a reset condition becomes active, even when no clocks are
running.
10.2.2
Toggling the Pin
Writing a logic one to PINxn toggles the value of PORTxn, independent on the value of DDRxn.
Note that the SBI instruction can be used to toggle one single bit in a port.
10.2.3
Break-Before-Make Switching
In Break-Before-Make mode, switching the DDRxn bit from input to output introduces an imme-
diate tri-state period lasting one system clock cycle, as indicated in Figure 10-3. For example, if
the system clock is 4 MHz and the DDRxn is written to make an output, an immediate tri-state
period of 250 ns is introduced before the value of PORTxn is seen on the port pin.
To avoid glitches it is recommended that the maximum DDRxn toggle frequency is two system
clock cycles. The Break-Before-Make mode applies to the entire port and it is activated by the
BBMx bit. For more details, see “PORTCR – Port Control Register” on page 50.
When switching the DDRxn bit from output to input no immediate tri-state period is introduced.
Table 10-1.
Port Pin Configurations
DDxn
PORTxn
PUExn
I/O
Pull-up
Comment
0X
0
Input
No
Tri-state (hi-Z)
0X
1
Input
Yes
Sources current if pulled low externally
10
0
Output
No
Output low (sink)
10
1
Output
Yes
NOT RECOMMENDED.
Output low (sink) and internal pull-up active.
Sources current through the internal pull-up
resistor and consumes power constantly
11
0
Output
No
Output high (source)
11
1
Output
Yes
Output high (source) and internal pull-up active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com