Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 65Page - ATMEL Corporation ATtiny5 Datasheet HTML 66Page - ATMEL Corporation ATtiny5 Datasheet HTML 67Page - ATMEL Corporation ATtiny5 Datasheet HTML 68Page - ATMEL Corporation ATtiny5 Datasheet HTML 69Page - ATMEL Corporation ATtiny5 Datasheet HTML 70Page - ATMEL Corporation ATtiny5 Datasheet HTML 71Page - ATMEL Corporation ATtiny5 Datasheet HTML 72Page - ATMEL Corporation ATtiny5 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 168 page
background image
69
8127C–AVR–10/09
ATtiny4/5/9/10
Using the ICR0 Register for defining TOP works well when using fixed TOP values. By using
ICR0, the OCR0A Register is free to be used for generating a PWM output on OC0A. However,
if the base PWM frequency is actively changed by changing the TOP value, using the OCR0A as
TOP is clearly a better choice due to its double buffer feature.
In phase and frequency correct PWM mode, the compare units allow generation of PWM wave-
forms on the OC0x pins. Setting the COM0x1:0 bits to two will produce a non-inverted PWM and
an inverted PWM output can be generated by setting the COM0x1:0 to three (See Table 11-4 on
page 74). The actual OC0x value will only be visible on the port pin if the data direction for the
port pin is set as output (DDR_OC0x). The PWM waveform is generated by setting (or clearing)
the OC0x Register at the compare match between OCR0x and TCNT0 when the counter incre-
ments, and clearing (or setting) the OC0x Register at compare match between OCR0x and
TCNT0 when the counter decrements. The PWM frequency for the output when using phase
and frequency correct PWM can be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCR0x Register represents special cases when generating a PWM
waveform output in the phase correct PWM mode. If the OCR0x is set equal to BOTTOM the
output will be continuously low and if set equal to TOP the output will be set to high for non-
inverted PWM mode. For inverted PWM the output will have the opposite logic values.
11.9 Timer/Counter Timing Diagrams
The Timer/Counter is a synchronous design and the timer clock (clkT0) is therefore shown as a
clock enable signal in the following figures. The figures include information on when interrupt
flags are set, and when the OCR0x Register is updated with the OCR0x buffer value (only for
modes utilizing double buffering). Figure 11-12 on page 69 shows a timing diagram for the set-
ting of OCF0x.
Figure 11-12. Timer/Counter Timing Diagram, Setting of OCF0x, no Prescaling
fOCnxPFCPWM
fclk_I/O
2NTOP
⋅⋅
-----------------------------
=
clk
Tn
(clk
I/O/1)
OCFnx
clk
I/O
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com