Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 74Page - ATMEL Corporation ATtiny5 Datasheet HTML 75Page - ATMEL Corporation ATtiny5 Datasheet HTML 76Page - ATMEL Corporation ATtiny5 Datasheet HTML 77Page - ATMEL Corporation ATtiny5 Datasheet HTML 78Page - ATMEL Corporation ATtiny5 Datasheet HTML 79Page - ATMEL Corporation ATtiny5 Datasheet HTML 80Page - ATMEL Corporation ATtiny5 Datasheet HTML 81Page - ATMEL Corporation ATtiny5 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 168 page
background image
78
8127C–AVR–10/09
ATtiny4/5/9/10
8-bit temporary high byte register (TEMP). This temporary register is shared by all the other 16-
bit registers. See “Accessing 16-bit Registers” on page 71.
11.11.7
ICR0H and ICR0L – Input Capture Register 0
The Input Capture is updated with the counter (TCNT0) value each time an event occurs on the
ICP0 pin (or optionally on the Analog Comparator output for Timer/Counter0). The Input Capture
can be used for defining the counter TOP value.
The Input Capture Register is 16-bit in size. To ensure that both the high and low bytes are read
simultaneously when the CPU accesses these registers, the access is performed using an 8-bit
temporary high byte register (TEMP). This temporary register is shared by all the other 16-bit
registers. “Accessing 16-bit Registers” on page 71.
11.11.8
TIMSK0 – Timer/Counter Interrupt Mask Register 0
• Bits 7:6, 4:3 – Reserved Bits
These bits are reserved for future use. For ensuring compatibility with future devices, these bits
must be written to zero when the register is written.
• Bit 5 – ICIE0: Timer/Counter0, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter0 Input Capture interrupt is enabled. The
corresponding Interrupt Vector (See “Interrupts” on page 66.) is executed when the
ICF0 Flag, located in TIFR0, is set.
• Bit 2 – OCIE0B: Timer/Counter0, Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter0 Output Compare B Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 35) is executed when the OCF0B flag, located in
TIFR0, is set.
• Bit 1 – OCIE0A: Timer/Counter0, Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter0 Output Compare A Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 35) is executed when the OCF0A flag, located in
TIFR0, is set.
• Bit 0 – TOIE0: Timer/Counter0, Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter0 Overflow interrupt is enabled. The corresponding Interrupt Vector
(see “Interrupts” on page 35) is executed when the TOV0 flag, located in TIFR0, is set.
Bit
765
432
10
0x23
ICR0[15:8]
ICR0H
0x22
ICR0[7:0]
ICR0L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
0x2B
–
–ICIE0
–
–
OCIE0B
OCIE0A
TOIE0
TIMSK0
Read/Write
R
R
R/W
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com