Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 73Page - ATMEL Corporation ATtiny5 Datasheet HTML 74Page - ATMEL Corporation ATtiny5 Datasheet HTML 75Page - ATMEL Corporation ATtiny5 Datasheet HTML 76Page - ATMEL Corporation ATtiny5 Datasheet HTML 77Page - ATMEL Corporation ATtiny5 Datasheet HTML 78Page - ATMEL Corporation ATtiny5 Datasheet HTML 79Page - ATMEL Corporation ATtiny5 Datasheet HTML 80Page - ATMEL Corporation ATtiny5 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
77
8127C–AVR–10/09
ATtiny4/5/9/10
The OC0A/OC0B output is changed according to its COM0x1:0 bits setting. Note that the
FOC0A/FOC0B bits are implemented as strobes. Therefore it is the value present in the
COM0x1:0 bits that determine the effect of the forced compare.
A FOC0A/FOC0B strobe will not generate any interrupt nor will it clear the timer in Clear Timer
on Compare match (CTC) mode using OCR0A as TOP.
The FOC0A/FOC0B bits are always read as zero.
• Bits 5:0 – Reserved Bits
These bits are reserved for future use. For ensuring compatibility with future devices, these bits
must be written to zero when the register is written.
11.11.4
TCNT0H and TCNT0L – Timer/Counter0
The two Timer/Counter I/O locations (TCNT0H and TCNT0L, combined TCNT0) give direct
access, both for read and for write operations, to the Timer/Counter unit 16-bit counter. To
ensure that both the high and low bytes are read and written simultaneously when the CPU
accesses these registers, the access is performed using an 8-bit temporary high byte register
(TEMP). This temporary register is shared by all the other 16-bit registers. See “Accessing 16-bit
Registers” on page 71.
Modifying the counter (TCNT0) while the counter is running introduces a risk of missing a com-
pare match between TCNT0 and one of the OCR0x Registers.
Writing to the TCNT0 Register blocks (removes) the compare match on the following timer clock
for all compare units.
11.11.5
OCR0AH and OCR0AL – Output Compare Register 0 A
11.11.6
OCR0BH and OCR0BL – Output Compare Register 0 B
The Output Compare Registers contain a 16-bit value that is continuously compared with the
counter value (TCNT0). A match can be used to generate an Output Compare interrupt, or to
generate a waveform output on the OC0x pin.
The Output Compare Registers are 16-bit in size. To ensure that both the high and low bytes are
written simultaneously when the CPU writes to these registers, the access is performed using an
Bit
765
432
10
0x29
TCNT0[15:8]
TCNT0H
0x28
TCNT0[7:0]
TCNT0L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x27
OCR1A[15:8]
OCR0AH
0x26
OCR1A[7:0]
OCR0AL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x25
OCR0B[15:8]
OCR0BH
0x24
OCR0B[7:0]
OCR0BL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com