Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 68Page - ATMEL Corporation ATtiny5 Datasheet HTML 69Page - ATMEL Corporation ATtiny5 Datasheet HTML 70Page - ATMEL Corporation ATtiny5 Datasheet HTML 71Page - ATMEL Corporation ATtiny5 Datasheet HTML 72Page - ATMEL Corporation ATtiny5 Datasheet HTML 73Page - ATMEL Corporation ATtiny5 Datasheet HTML 74Page - ATMEL Corporation ATtiny5 Datasheet HTML 75Page - ATMEL Corporation ATtiny5 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
72
8127C–AVR–10/09
ATtiny4/5/9/10
Note:
See “Code Examples” on page 5.
The code example returns the TCNT0 value in the r17:r16 register pair.
It is important to notice that accessing 16-bit registers are atomic operations. If an interrupt
occurs between the two instructions accessing the 16-bit register, and the interrupt code
updates the temporary register by accessing the same or any other of the 16-bit timer registers,
then the result of the access outside the interrupt will be corrupted. Therefore, when both the
main code and the interrupt code update the temporary register, the main code must disable the
interrupts during the 16-bit access.
The following code example shows how to do an atomic read of the TCNT0 Register contents.
Reading any of the OCR0A/B or ICR0 Registers can be done by using the same principle.
Note:
See “Code Examples” on page 5.
The code example returns the TCNT0 value in the r17:r16 register pair.
The following code example shows how to do an atomic write of the TCNT0 Register contents.
Writing any of the OCR0A/B or ICR0 Registers can be done by using the same principle.
Assembly Code Example
...
; Set TCNT
0 to 0x01FF
ldi
r17,0x01
ldi
r16,0xFF
out
TCNT
0H,r17
out
TCNT
0L,r16
; Read TCNT
0 into r17:r16
in
r16,TCNT
0L
in
r17,TCNT
0H
...
Assembly Code Example
TIM16_ReadTCNT
0:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Read TCNT
0 into r17:r16
in
r16,TCNT
0L
in
r17,TCNT
0H
; Restore global interrupt flag
out
SREG,r18
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com