Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 83Page - ATMEL Corporation ATtiny5 Datasheet HTML 84Page - ATMEL Corporation ATtiny5 Datasheet HTML 85Page - ATMEL Corporation ATtiny5 Datasheet HTML 86Page - ATMEL Corporation ATtiny5 Datasheet HTML 87Page - ATMEL Corporation ATtiny5 Datasheet HTML 88Page - ATMEL Corporation ATtiny5 Datasheet HTML 89Page - ATMEL Corporation ATtiny5 Datasheet HTML 90Page - ATMEL Corporation ATtiny5 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
87
8127C–AVR–10/09
ATtiny4/5/9/10
Figure 13-6. ADC Timing Diagram, Auto Triggered Conversion
In Free Running mode (see Figure 13-7), a new conversion will be started immediately after the
conversion completes, while ADSC remains high.
Figure 13-7. ADC Timing Diagram, Free Running Conversion
For a summary of conversion times, see Table 13-1.
Table 13-1.
ADC Conversion Time
Condition
Sample & Hold (Cycles
from Start of Conversion)
Conversion Time (Cycles)
First conversion
16.5
25
Normal conversions
3.5
13
Auto Triggered conversions
4
13.5
1
2
3
4
5
6
7
8
9
10
11
12
13
Conversion Result
ADC Clock
Trigger
Source
ADIF
ADCL
Cycle Number
12
One Conversion
Next Conversion
Conversion
Complete
Prescaler
Reset
ADATE
Prescaler
Reset
Sample &
Hold
MUX
Update
11
12
13
Conversion Result
ADC Clock
ADSC
ADIF
ADCL
Cycle Number
12
One Conversion
Next Conversion
34
Conversion complete
Sample & Hold
MUX update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com