Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 14Page - ATMEL Corporation ATtiny5 Datasheet HTML 15Page - ATMEL Corporation ATtiny5 Datasheet HTML 16Page - ATMEL Corporation ATtiny5 Datasheet HTML 17Page - ATMEL Corporation ATtiny5 Datasheet HTML 18Page - ATMEL Corporation ATtiny5 Datasheet HTML 19Page - ATMEL Corporation ATtiny5 Datasheet HTML 20Page - ATMEL Corporation ATtiny5 Datasheet HTML 21Page - ATMEL Corporation ATtiny5 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 168 page
background image
18
8127C–AVR–10/09
ATtiny4/5/9/10
6.1.4
ADC Clock – clkADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
The ADC is available in ATtiny5/10, only.
6.2
Clock Sources
All synchronous clock signals are derived from the main clock. The device has three alternative
sources for the main clock, as follows:
• Calibrated Internal 8 MHz Oscillator (see page 18)
• External Clock (see page 18)
• Internal 128 kHz Oscillator (see page 19)
See Table 6-3 on page 21 on how to select and change the active clock source.
6.2.1
Calibrated Internal 8 MHz Oscillator
The calibrated internal oscillator provides an approximately 8 MHz clock signal. Though voltage
and temperature dependent, this clock can be very accurately calibrated by the user. See Table
16-2 on page 118, Figure 17-39 on page 142 and Figure 17-40 on page 142 for more details.
This clock may be selected as the main clock by setting the Clock Main Select bits CLKMS[1:0]
in CLKMSR to 0b00. Once enabled, the oscillator will operate with no external components. Dur-
ing reset, hardware loads the calibration byte into the OSCCAL register and thereby
automatically calibrates the oscillator. The accuracy of this calibration is shown as Factory cali-
bration in Table 16-2 on page 118.
When this oscillator is used as the main clock, the watchdog oscillator will still be used for the
watchdog timer and reset time-out. For more information on the pre-programmed calibration
value, see section “Calibration Section” on page 110.
6.2.2
External Clock
To use the device with an external clock source, CLKI should be driven as shown in Figure 6-2.
The external clock is selected as the main clock by setting CLKMS[1:0] bits in CLKMSR to 0b10.
Figure 6-2.
External Clock Drive Configuration
When applying an external clock, it is required to avoid sudden changes in the applied clock fre-
quency to ensure stable operation of the MCU. A variation in frequency of more than 2% from
one clock cycle to the next can lead to unpredictable behavior. It is required to ensure that the
MCU is kept in reset during such changes in the clock frequency.
EXTERNAL
CLOCK
SIGNAL
CLKI
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com