Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
8
INPUT VIDEO SAMPLING (INTERNAL VSMP)
MCLK
VSMP,
OUTPUT
VIDEO
SDO,
OUTPUT
t
PER
t
VSMPPD
t
VSMPPD
t
SDOPD
t
SDOPD
t
VSU
t
VH
t
RSU
t
RH
Figure 2 Input Video Timing (Internal VSMP)
TEST CONDITIONS
AVDD = 4.75 to 5.25V, DVDD1 and DVDD2 = 2.97 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 48MHz unless
otherwise stated (AVDD denotes the voltage applied to all AVDD pins).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period
tPER
20.8
ns
MCLK duty cycle
45
55
%
VSMP output propagation delay
tVSMPPD
CLOAD = 10pF
15
25
ns
SDO output propagation delay
tSDOPD
CLOAD = 10pF
20
35
ns
Video level set-up time
tVSU
10
ns
Video level hold time
tVH
10
ns
Reset level set-up time
tRSU
10
ns
Reset level hold time
tRH
10
ns
Notes: 1.
tVSU and tRSU denote the set-up time required from when the input video signal has settled.
2.
The reset sample point may be relative to either the rising or the falling edge of MCLK, depending on the setting of
control bits RESREF[3:0].
3.
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com