Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8148CFT/V
0 to 70
oC
48-pin 1mm
thick body TQFP
37
47 46 45 44 43 42 41 40 39 38
48
DVDD1
VSMP
AGND5
MCLK
DGND3
AVDD4
RLC
DGND1
OP0
OP1
OP2
OP3
RINP
AGND3
VRT
VRX
VRLC
OVRD
AGND1
AGND4
DGND4
AVDD3
AVDD2
VRB
25
31
30
29
28
27
26
36
35
34
33
32
1
9
8
7
6
5
4
3
2
12
11
10
24
23
16 17 18 19 20 21 22
13 14 15
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD1
Supply
Digital supply (3.3V to 5V) for digital inputs and SDO.
2
RLC
Digital input
Selects whether reset level clamp is applied, active high. If RLC is required on every
pixel then this pin can be tied high.
3
AVDD4
Supply
Analogue supply (5V).
4
DGND3
Ground
Digital ground (0V).
5
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 12, 8, 6, or
4 dependent on input sampling mode). MCLK is divided internally by N to generate
internal clocks and to provide the clock source for digital logic.
6
AGND5
Ground
Analogue ground (0V).
Video sample synchronisation pulse. This pin may be either an input (default) or output.
7
VSMP
Digital IO
Input: This signal is pulsed externally
to synchronise the WM8148’s video
input sample instant and the N-phase
internal clock to CCD clocks and
interface bus timing.
Output: This signal is pulsed internally to
flag the video input sample instant, to allow
the CCD clocks and interface bus to be
synchronised to the WM8148.
8
DGND1
Ground
Digital ground (0V) for output drivers.
9
OP0
Digital output
10
OP1
Digital output
11
OP2
Digital output
12
OP3
Digital output
12-bit signal data output bus. Data is output MSB on OP[11] and LSB on pin OP[0].
See description of pins 14-21 for mode definitions.
13
DVDD2
Supply
Digital supply (3.3V-5V) for Digital IO pins and OP0 to OP3
14
OP4
Digital IO
15
OP5
Digital IO
16
OP6
Digital IO
17
OP7
Digital IO
18
OP8
Digital IO
19
OP9
Digital IO
20
OP10
Digital IO
21
OP11
Digital IO
12-bit bi-directional data bus. On pins OP[4] to OP[11], signal data is output if OEB = 0
and register write data is input if OEB = 1.
There are five main modes:
• Hi-Z: when OEB = 1
• Output 12-bit: twelve bit signal data output from bus
• Output 8-bit muxed: signal data output on OP[11:4] at 2 ∗ ADC conversion rate
• Input 8-bit: register write data input on OP[11:4]
• Output 8-bit: register readback data output on OP[11:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com