Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
33
DEVICE CONFIGURATION
The following section details the Control Register Map, the contents of which determines the
operation of the WM8148, and the Control Bit table, which describes the possible settings of each of
the bits in the Control Register Map.
INTERNAL REGISTER DEFINITION
Table 6 details the internal register contents.
SET-UP REGISTER 1
• Selects global power on/off or selective enable.
• Selects the function of the SDO pin.
• Controls input sampling mode the device is operating in.
SET-UP REGISTER 2
• Enables individual sections of the device such as sample and hold blocks or PGA.
SET-UP REGISTER 3
• Sets the clamp and reset sample position in CDS modes.
• Sets the clamp position in non-CDS modes.
• Enables the internal clocks to be free running without VSMP.
• Allows the video and reset sample pulse widths to be reduced by half an MCLK period.
• Selects the channel that the sample is taken from in One-Channel (or line by line) modes.
SOFTWARE RESET
• Writing to this register causes the device to reset. Three different reset types are available.
See Control Bit Description Table for details.
SET-UP REGISTER 4
• Allows the latency through the device to be adjusted by ADC clock periods and by half-MCLK
periods.
• Enables VSMP as input or output.
• Allows the external setting of RLC bias reference voltage.
• Controls parallel/multiplexed output format.
• Defines the polarity of the output data.
COARSE OFFSETS
• Controls the non-CDS reference voltage level or reset clamp level.
• Allows external reference to be used as reset clamp level.
• Adjusts the d.c. level of the PGA outputs to align with the ADC input range to suit different input
video signal polarities.
REVISION NUMBER
• Allows the user to check which revision of the device is being used.
DAC VALUES
• Programmes the amount of offset applied to the input of each PGA. Table 7 describes the
sub-address bits for each channel.
PGA GAINS
• Programmes the gain of each PGA. Table 7 describes the sub-address bits for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com