Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
19
DIFFERENTIAL
SIGNAL RANGE
VIDEO SIGNAL
TYPE
BLACK
WHITE
PGAFS[1:0]
OUTPUT CODE
INVOP = 0
OUTPUT CODE
INVOP = 1
Positive-going,
e.g. many CIS
0V
3V
11
Black = 0
White = 4095
Black = 4095
White = 0
Negative-going,
e.g. CCDs
0V
-3V
10
Black = 4095
White = 0
Black = 0
White = 4095
Bipolar
-1.5V
+1.5V
00, 01
Black = 0
White = 4095
Black = 4095
White = 0
Table 2 PGAFS[1:0] Setting for Video Signal Types
If the signal exceeds the chosen range, it is clipped and the error flag OVRNG is set, which may be
output via the SDO or OP pins.
OVERALL SIGNAL FLOW SUMMARY
Figure 20 represents the processing of the video signal through the WM8148.
The INPUT SAMPLING BLOCK produces an effective input voltage V1. For CDS, this is the
difference between the input video level VIN and the input reset level VRESET. For non-CDS this is the
difference between the input video level VIN and the voltage on the VRLC pin, VVRLC, optionally set via
the RLC DAC.
The OFFSET DAC BLOCK then adds the amount of fine offset adjustment required to move the
black level of the input signal towards 0V, producing V2.
The PGA BLOCK then amplifies the white level of the input signal to maximise the ADC range,
outputting voltage V3.
The ADC BLOCK then converts the analogue signal, V3, to a 12-bit unsigned digital output, D1.
The digital output is then inverted if required, through the OUTPUT INVERT BLOCK to produce D2.
V
RESET
V
VRLC
V
3
MODE[0] = 0
MODE[0] = 1
RLCEXT=1
200mV*(DAC[7:0]-127.5)/127.5
analog
-
X
+
+
AVDD*RLCV[3:0]/15
OP[11:0]
D
1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
D
2
MODE[0], RLCEXT,RLCV[3:0], DAC[7:0],
PGA[5:0], PGAFS[1:0] and INVOP are set
by programming internal control registers.
MODE[0]=0 for CDS, 1 for non-CDS
V
IN is RINP or GINP or BINP
V
RESET is V IN sampled during reset clamp
VRLC is voltage applied to VRLC pin
V
IN
PGA gain
A = 52/(70-PGA[5:0])
OUTPUT
INVERT
BLOCK
D2 = D1 if INVOP = 0
D2 =4095-D1 if INVOP = 1
Offset
DAC
RLC
DAC
+
V
2
V
1
RLCEXT=0
V
3 x 4095/V FS) =
+0 codes if PGAFS[1:0]=11
+4095 codes if PGAFS[1:0]=10
+2047 codes if PGAFS[1:0]=0x
Figure 20 Overall Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com