Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
34
ADDRESS
DEFAULT
BIT
<A5:A0>
DESCRIPTION
(HEX)
RW
B7
B6
B5
B4
B3
B2
B1
B0
000001
Setup Register 1
80
RW
MODE[3]
MODE[2]
MODE[1]
MODE[0]
SDO[1]
SDO[0]
SELEN
EN
000010
Setup Register 2
00
RW
SENBL[7]
SENBL[6]
SENBL[5]
SENBL[4]
SENBL[3]
SENBL[2]
SENBL[1]
SENBL[0]
000011
Setup Register 3
06
RW
CHAN[1]
CHAN[0]
SMALL
FREE
RESREF[3]
RESREF[2]
RESREF[1]
RESREF[0]
000100
Software Reset
00
W
0
0
0
0
0
0
SRES[1]
SRES[0]
000101
Setup Register 4
00
RW
INVOP
MUXOP
0
VSMPOP
FDEL[1]
FDEL[0]
DEL[1]
DEL[0]
000110
Coarse Offsets
1B
RW
0
PGAFS[1]
PGAFS[0]
RLCEXT
RLCV[3]
RLCV[2]
RLCV[1]
RLCV[0]
000111
Revision Number
43
R
REV[7]
REV[6]
REV[5]
REV[4]
REV[3]
REV[2]
REV[1]
REV[0]
1000XY
DAC Values
80
RW
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
1010XY
PGA Gains
00
RW
0
0
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
Note: Register address 000000 is reserved and should not be written to.
Table 6 Control Register Map
ADDRESS LSB DECODE
X
Y
Red register
0
0
Green register
0
1
Blue register
1
0
Red, Green, and Blue registers
1
1
Table 7 Red, Green, Blue, Sub-address Bits
CONTROL BIT DESCRIPTION
CONTROL
BIT/WORD
DEFAULT
DESCRIPTION
Set-up Register 1
Address
000001
EN
b0
SELEN
b1
0
0
Global power on/off or selective enable.
SELEN
EN
0
0
Complete power down (default).
0
1
Complete power on.
1
X
Individual block power on/off (X denotes either 1 or 0)
see SENBL[7:0] register description for details.
SDO[1:0]
b3, b2
00
Multiplexes SDO output pin.
SDO[1]
SDO[0]
0
0
Register readback when requested, Hi-Z otherwise
0
1
TVIOL flag (RESREF inconsistent with MODE).
1
0
ADC over-range flag.
1
1
VSMP synchronous output.
MODE[3:0]
b7, b6, b5, b4
1000
Device mode control bits.
MODE[3]
MODE[2]
MODE[1]
MODE[0]
0
0
0
0
Three-channel (8-phase) CDS
0
0
0
1
Three-channel (8-phase) non-CDS
0
0
1
0
One-channel CDS
0
0
1
1
One-channel non-CDS
0
1
0
0
Two-channel (6-phase) CDS
0
1
0
1
Two-channel (6-phase) non-CDS
1
0
0
0
Three-channel (12-Phase) CDS
1
0
0
1
Three-channel (12-Phase) non-CDS
1
1
0
0
Two-channel (8-Phase) CDS
1
1
0
1
Two-channel (8-Phase) non-CDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com