Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
22
Figure 22 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data word
(b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Each bit is latched on the rising edge of SCK. When
the data has been shifted into the device, a pulse is applied to SEN to transfer the data
to the appropriate internal register. Note all valid registers have address bit a4 equal to 0 in
write mode.
REGISTER READ-BACK
SCK
SEN
SDI
a 5
1
a 3 a 2 a 1 a 0
x
xxxx
xxx
Address
Data Word
d7 d6 d5 d4 d3 d2 d1 d0
Output Data Word
SDO
OEB
Figure 23 Serial Interface Register Read-back
Register read-back is initiated by writing to the serial bus as described, but with address bit a4 set to
1, followed by an 8-bit dummy data word. Writing address (a5, 1, a3, a2, a1, a0) will cause the
contents (d7, d6, d5, d4, d3, d2, d1, d0) of corresponding register (a5, 0, a3, a2, a1, a0) to be output
MSB first on pin SDO (on the falling edge of SCK), provided control bits SDO[1:0] = 00. If SDO[1:0] is
not set to 00 then error flags will be output instead of the register contents. Note that if SDI and SDO
are not connected together, the next word may be read in to SDI while the previous word is still being
output on SDO. Alternatively, the user may tie the SDI and SDO pins together to make a 3-wire serial
interface. The user must ensure that the circuit driving SDI is Hi-Z while the SDO pin is active.
Pin OEB must be low to enable the output data word to be output.
PARALLEL INTERFACE
REGISTER WRITE
STB
DNA
RNW
OP[11:4]
Address
Data
Hi-Z
Hi-Z
Driven by WM8148
Driven Externally
Normal Output Data
Driven by WM8148
Normal Output Data
Figure 24 Parallel Interface Register Write
The parallel interface uses bits [11:4] of the OP bus and the STB, DNA and RNW pins. Pin RNW
must be low during a write operation. The DNA pin defines whether the data byte is address (low) or
data (high). The 6-bit address (a5, 0, a3, a2, a1, a0) is input into OP[9:4], LSB into OP[4], (OP[10]
and OP[11] are ignored) when DNA is low, then the 8-bit data word is input into OP[11:4], LSB into
OP[4], when DNA is high. The data bus OP[11:4] for both address and data is latched in during the
low period of STB. Note all valid registers have address bit a4 equal to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com