Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
23
REGISTER READ-BACK
STB
DNA
RNW
OP[11:4]
Address
Hi-Z
Driven by WM8148
Driven Externally
Hi-Z
Normal Output Data
Read Data
Driven by WM8148
Normal Output Data
Figure 25 Parallel Interface Register Read-back
Register read-back is initiated by writing the 6-bit address (a5, 1, a3, a2, a1, a0) into OP[9:4] by
pulsing the STB pin low. Note that a4 = 1 and pins RNW and DNA are low. When RNW and DNA are
high and STB is strobed again, the contents (d7, d6, d5, d4, d3, d2, d1, d0) of the corresponding
register (a5, 0, a3, a2, a1, a0) will be output on OP[11:4], LSB on pin OP[4]. Until STB is pulsed low,
the current contents of the ADC (shown as Normal Output Data) will be present on OP[11:4].
OUTPUT ENABLE
When high, pin OEB makes pins OP[11:0] Hi-Z regardless of other pin settings. Therefore when the
WM8148 is outputting normal ADC data, or during register read, pin OEB must be set to ‘0’. During
register write, pin RNW set to ‘0’ ensures that the outputs are Hi-Z, therefore pin OEB is ‘don’t care’.
Table 4 shows the state of pins OP[11:0] for possible settings of OEB, RNW and STB.
OEB
RNW
STB
OP[11:0]
1x
x
Hi-Z
x0
x
Hi-Z
0
1
0
Read register data
0
1
1
Read ADC data
Table 4 State of OP[11:0] During Register Read/Write
POWER MANAGEMENT
Power management for the WM8148 is performed via the DMI. The device can be powered on or off
completely by the control bit EN. Alternatively, when control bit SELEN is high, only blocks selected
by further control bits SENBL[7:0] are powered up. This allows the user to optimise power dissipation
in certain modes, or to define intermediate standby modes to allow a quicker recovery into a fully
active state.
EN
SELEN
00
Device completely powers down.
10
Device completely powers up.
x1
Only blocks with respective SENBL bit high
go/remain active.
Table 5 Power Down control
Control bit RLCEXT is used to disable the RLC DAC, regardless of EN or SENBL[7:0]. If this option is
taken, pin VRLC can be driven externally for reset level clamping.
One-channel and Two-channel sampling modes do not automatically power down unused PGAs, the
appropriate SENBL bits should be set during initialisation to save power. The WM8148 will still
operate normally if the unused blocks are not powered down.
All the internal registers maintain their previously programmed value in power down modes, and the
DMI inputs remain active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com