Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
18
If pin RLC is tied high then reset level clamping is applied on every pixel. Alternatively, for line-by-
line clamping, pin RLC can be driven high at the start of a line (during the dummy black pixel output),
then driven low for the remainder of the line. If pin RLC is tied low then reset level clamping will not be
applied.
The VRLC voltage, to which the reset level is clamped, can be defined either by an external voltage
or internally via the 4-bit programmable RLC DAC. To clamp to an internally defined voltage RLCEXT
must be set to ‘0’. Control bits RLCV[3:0] then program the RLC DAC to a voltage ranging between
0V and AVDD linearly over 15 steps. The voltage from the RLC DAC will also be presented on pin
VRLC which should be decoupled to analogue ground. Alternatively, by setting control bit RLCEXT to
‘1’, the RLC DAC is disconnected and the VRLC pin is driven externally to any voltage between 0V
and AVDD.
PROGRAMMABLE OFFSET DAC
The output from the Input Sampling Block is added to the output of an 8-bit Offset DAC to allow
cancellation of offsets in sensor black level and input offsets of the WM8148. The DACs cover a
range of
±200mV in 255 equal steps of 1.57mV, programmable via the DMI. Programming 00(hex) to
the DAC gives an offset adjustment of -200mV, FF(hex) adjusts the input signal by +200mV.
PROGRAMMABLE GAIN AMPLIFIERS (PGA)
When the black level has been adjusted using the Offset DAC, the gain of the PGA can be
programmed to amplify the white level signal to cover the full ADC range (3V). Figure 18 shows a
graph of the PGA gain response. This gain curve is non-linear, with gain given by:
Gain = 52 / {70 – PGA[5:0](dec)}
This gives a gain ranging from 0.74 times to 7.4 times over 63 steps, with minimum gain
corresponding to 00(hex) and maximum gain corresponding to 3F(hex). Figure 19 shows the PGA
gain code settings required, for PGA input voltages from 0.4V to 4.0V, to produce a PGA output
equivalent to the full scale input range of the ADC (3V).
0
1
2
3
4
5
6
7
8
PGA Gain code, PGA[5:0] (hex)
0
1
2
3
4
5
PGA Gain code, PGA[5:0] (hex)
Figure 18 PGA Gain Response
Figure 19 PGA Input vs Gain Code for Full Scale ADC Input
ANALOGUE TO DIGITAL CONVERTER (ADC)
The output of the PGA is applied to a high performance ADC. The differential signal from the PGA
ranges from 0V (black level) to either +3V or -3V (white level), depending on the polarity of the input
signal to the device. Control bits PGAFS[1:0] are used to configure the input of the ADC to accept the
desired input signal range. This is achieved by adding 0, + or - half of the full scale voltage to the
ADC input signal on a channel-by-channel basis, as shown in the block diagram on page 1. Table 2
shows the PGAFS[1:0] settings required for different video signal types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com