Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
17
RESET LEVEL CLAMPING (RLC)
If the sensor output voltage is within the input range of the WM8148, the sensor may be d.c. coupled
into the WM8148 either directly or via a buffer. If the output from the sensor is outside the input range
of the WM8148, the signal has to be connected via a capacitor, CIN, and the d.c. bias conditions must
be defined on the WM8148 side of the capacitor (at RINP).
Setting of the d.c. bias conditions is best performed by Reset-Level Clamping, activated by pin RLC.
Reset-Level Clamping is compatible with both CDS and non-CDS operating modes. A typical
configuration is shown in Figure 16.
TIMING CONTROL
S/H
4-BIT
RLC DAC
CL
+
+
-
TO OFFSET DAC
RLC
CDS
FROM CONTROL
INTERFACE
S/H
V
S
R
S
FROM CONTROL
INTERFACE
MCLK
VSMP
RLC
INPUT SAMPLING
BLOCK FOR RED
CHANNEL
MODE[0]
C
IN
RINP
VRLC
2
1
EXTERNAL VRLC
Figure 16 Reset-Level Clamping Circuitry
When the clamp pulse, CL, is active, the voltage on the WM8148 side of CIN, at RINP, will be forced
equal to the VRLC voltage, VVRLC, by switch 1. When the CL pulse turns off, the RINP voltage will
initially remain at VVRLC, but any subsequent variation in sensor voltage appearing at the sensor side
of CIN will couple through CIN to RINP. Switch 2 determines whether the RS level is taken from the
incoming signal (CDS operation) or the VRLC pin (non-CDS operation).
Figure 17 demonstrates the case of a typical CCD waveform, with CL applied during the reset period.
MCLK
VSMP
RLC
CL
Input Video
1X
X
X
X
00
X
r,g,b
r,g,b
r,g,b
RLC on this pixel
No RLC on this pixel
Programmable Delay
Figure 17 Relationship of RLC pin, MCLK and VSMP to Internal Clamp Pulse, CL
The input signal applied to the RLC pin is sampled on the positive edge of MCLK that occurs during
each VSMP pulse. The sampled level, high (or low) controls the presence (or absence) of the internal
CL pulse on the next reset level. The position and duration of CL is adjustable by control bits
RESREF[3:0] and SMALL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com