Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
35
CONTROL
BIT/WORD
DEFAULT
DESCRIPTION
Set-up Register 2
Address
000010
SENBL[7:0]
b7…..b0
0000
0000
Selective power enable register, activated when SELEN = 1 (Set-up Register 1).
Each bit activates respective cell when 1, de-activates when 0.
SENBL[0]
Bandgap/Bias
SENBL[1]
VRT, VRB buffers
SENBL[2]
VRX buffer
SENBL[3]
RLC DAC (allows VRLC to be externally driven)
SENBL[4]
Red S/H, PGA
SENBL[5]
Green S/H, PGA
SENBL[6]
Blue S/H, PGA
SENBL[7]
ADC
Set-up Register 3
Address
000011
RESREF[3:0]
b3, b2, b1, b0
0110
Selects the position of either the reset sample and the clamp points in CDS modes,
or the position of just the clamp pulse in non-CDS modes. See Mode Descriptions for
further details.
FREE
b4
0
Enables internal clocks to be free running, without VSMP pulse input.
FREE
0
Requires continuous VSMP pulse input every N periods of MCLK
1
Free running
SMALL
b5
0
Reduces video and reset sample pulse widths by half an MCLK period.
SMALL
0
Default pulse widths
1
Reduces pulse widths
CHAN[1:0]
b7, b6
00
Selects the input channel in One-channel (line by line) modes.
No effect when not in One-channel mode.
CHAN[1]
CHAN[0]
0
0
Red channel
0
1
Green channel
1
0
Blue channel
11
Reserved
Software Reset
Address
000100
SRES[1:0]
b1, b0
00
Writing to this register causes a software reset. There a three types of reset available:
SRES[1]
SRES[0]
0
0
Same action as NRESET pin
0
1
Resets all registers to default including RLCEXT.
(Except EN, SELEN and SENBL[7:0], which are
not changed)
1
X
Resets PGA and DAC only (X denotes either 1 or 0)
Setup Register 4
Address
000101
DEL[1:0]
b1, b0
00
Adjusts the latency through the device in ADC clock periods.
See Detailed Mode Timing Diagrams for details.
FDEL[1:0]
b3, b2
00
Adjusts the latency through the device in half-MCLK increments.
FDEL[1]
FDEL[0]
0
0
Default position
0
1
Earlier by MCLK/2
1
0
Later by MCLK/2
Invalid in modes 0, 1, 4 and 5
1
1
Later by MCLK/2
Invalid in modes 0, 1, 4 and 5
In these invalid modes, output data is held constant, TVIOL is not flagged.
VSMPOP
b4
0
Enables output of internally generated MCLK/N sync pulse (only if FREE also set).
VSMPOP
0
Requires external VSMP
1
VSMP pin becomes sync output
b5
0
Reserved for Wolfson use only, must be programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com