Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per JEDEC specifications A112-A and A113-B, this product requires specific storage conditions prior to surface mount assembly
and will be supplied in vacuum-sealed moisture barrier bags. It has been classified as having a Moisture Sensitivity Level of 2.
CONDITION
MIN
MAX
Analogue supply voltages: AVDD1
− 4
GND - 0.3V
GND + 7V
Digital supply voltages: DVDD1
− 2
GND - 0.3V
GND + 7V
Digital grounds: DGND1
− 4
GND - 0.3V
GND + 0.3V
Analogue grounds: AGND1
− 5
GND - 0.3V
GND + 0.3V
Digital inputs and SDO
GND - 0.3V
DVDD1 + 0.3V
Digital outputs (not SDO)
GND - 0.3V
DVDD2 + 0.3V
Digital IO pins
GND - 0.3V
DVDD2 + 0.3V
RINP, GINP, BINP
GND - 0.3V
AVDD + 0.3V
Other pins
GND - 0.3V
AVDD + 0.3V
Operating temperature range: TA
0
°C+70°C
Storage temperature
-50
°C
+150
°C
Lead temperature (soldering, 10 seconds)
+260
°C
Lead temperature (soldering, 2 minutes)
+183
°C
Notes:
• GND denotes the voltage of any ground pin. AVDD denotes the voltage applied to any AVDD pin.
• AGND and DGND pins are intended to be operated at the same potential. Differential voltages between these pins will degrade
performance.
RECOMMENDED OPERATING CONDITIONS
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
Operating temperature range
TA
070
°C
Digital input and output supply voltages
DVDD1
− 2
2.97
5
5.25
V
Analogue supply voltages
AVDD1
− 4
4.75
5
5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com