Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
12
PARALLEL INTERFACE
STB
DNA
RNW
D[11:4]
Z
Z
DATA IN
ADDRESS IN
ADC DATA OUT
ADC DATA OUT
DATA OUT
ADC DATA OUT
t
STB
t
ASU
t
AH
t
DSU
t
DH
t
STDO
t
STAO
t
ADLS
t
ADLH
t
ADHS
t
ADHH
t
OPD
t
OPZ
Figure 8 Parallel Interface Timing
TEST CONDITIONS
AVDD = 4.75 to 5.25V, DVDD1 and DVDD2 = 2.97 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 48MHz unless
otherwise stated (AVDD denotes the voltage applied to all AVDD pins).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RNW Low to OP[11:4] Hi-Z.
tOPZ
20
ns
Address set-up time to STB Low
tASU
10
ns
DNA Low set-up time to STB Low
tADLS
10
ns
Strobe Low time
tSTB
50
ns
Address hold time from STB High
tAH
10
ns
DNA Low hold time from STB High
tADLH
10
ns
Data set-up time to STB Low
tDSU
10
ns
DNA High set-up time to STB Low
tADHS
10
ns
Data hold time from STB High
tDH
10
ns
Data High hold time from STB High
tADHH
10
ns
RNW High to OP[11:4] output
tOPD
35
ns
Data output propagation delay from
STB Low
tSTDO
35
ns
ADC data out propagation delay
from STB High
tSTAO
35
ns
Note:
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com