Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8148 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
21
OP[11:4]
MUXOP=1
OP[11:0]
MUXOP=0
B
A
C
Figure 21 Output Data for 2 x 8-bit and 12 bit Output.
Where:
A = < d11, d10, d9, d8, d7, d6, d5, d4 >
B = < d3, d2, d1, d0, TVIOL, CC[1], CC[0], OVRNG >
C = < d11, d10, … d1, d0 >
COLOUR CODE BITS
CC[1]
CC[0]
CHANNEL
00
Red
0
1
Green
10
Blue
Table 3 Colour Code Bits CC[1:0]
ERROR FLAGS
The two error flags are:
TVIOL: This goes high if the reset sample and clamp positions set up in bits RESREF[3:0], are
inconsistent with the selected mode of operation.
OVRNG: This goes high if the input to the ADC exceeds its input range.
These flags are output in byte B of multiplexed-mode parallel output data as above. Each is also
available via the SDO pin if so configured via the SDO[1:0] register bits.
LATENCY
Default latency from the last rising edge of MCLK during the VSMP pulse to data output depends on
the chosen Input Sampling Mode. To align pixel outputs with post processing circuitry and to reduce
interaction with video sampling instances, the latency through the WM8148 device can be adjusted
by Control bits DEL[1:0] and FDEL[1:0].
DIGITAL MANAGEMENT INTERFACE (DMI)
The DMI is used to write contents to and read back contents from the internal registers in either serial
or parallel mode. The PNS pin is tied low for serial and high for parallel mode.
SERIAL INTERFACE
REGISTER WRITE
SCK
SEN
SDI
a 5
0
a 3a 2a 1a 0b 7b 6b 5b 4b 3b 2b 1b 0
Address
Data Word
Figure 22 Serial Interface Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com