Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
30 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
10.2.2 Read mode (only extended command set)
The read mode of the interface means that the microcontroller reads data from the
PCF8811. To do so, the microcontroller first has to send a command (the read status
command) and then the following byte is transmitted in the opposite direction using SDO;
see Figure 24. After that, SCE is required to go HIGH before a new command is sent.
The PCF8811 samples the SDATA data on the rising SCLK edges, but shifts SDO data on
the falling SCLK edges. Thus the microcontroller is supposed to read SDO data on rising
SCLK edges.
After the read status command has been sent, the SDATA line must be set to 3-state not
later then the falling SCLK edge of the last bit; see Figure 24.
The 8th read bit is shorter than the others because it is terminated by the rising SCLK
edge; see Figure 44. The last rising SCLK edge sets SDO to 3-state after the delay
time t4.
Fig 22. Write mode: transmission of several bytes
SCE
SCLK
SDATA
DB7
D/C
DB6 DB5 DB4 DB3 DB2
DB1 DB0
001aai349
DB7
D/C
DB6 DB5 DB4 DB3 DB2
DB1 DB0 D/C
Fig 23. Write mode: interrupted by reset (RES)
001aai350
SCE
RES
SCLK
SDATA
DB7
D/C
DB6 DB5 DB4
DB7
DB7 DB6 DB5 DB4 DB3 DB2
DB1 DB0
DB6
D/C
D/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com