Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
42 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
12.1.3 Specific commands of the extended command set
[1]
NXP Semiconductors recommends to use the p = 4 setting.
[1]
For further information about temperature coefficient, see Table 30.
Table 18.
Specific extended commands
Bit
Logic 0
Logic 1
Reset state
VPR[7:6] + VPR[5:0]
programming value of VLCD
000 0000
FR[1:0]
frame rate frequency
11
TC[2:0]
temperature coefficient
010
S[2:0]
charge pump multiplication factor
100
V
horizontal addressing
vertical addressing
0
DOR
LSB at top
MSB at top
0
IC
no icon row (multiplex
rate 1:16 to 1:80)
icon row (multiplex rate
1:16 to 1:80)
0
BRS
bottom rows are not
mirrored
bottom rows are
mirrored
0
MP[1]
multiplex rate driven p
value (automatic)
p = 4 selected for
multiplex rate 1:64 and
1:80
0
EC
use internal oscillator
use external oscillator
0
Table 19.
Frame rate frequency
FR[1:0]
Frame rate frequency
00
30 Hz
01
40 Hz
10
50 Hz
11
60 Hz
Table 20.
Temperature coefficient[1]
TC[2:0]
Temperature coefficient
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Table 21.
Multiplication settings
S[2:0]
Description
000
2
× voltage multiplier
001
3
× voltage multiplier
010
4
× voltage multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com