Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 66Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 67Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 68Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 71Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 72Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 73Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
70 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
18.1.2 Temperature coefficient selection
The second feature is an OTP factory default setting for the temperature coefficient
selection (MMTC) in the basic command set. This 3-bit value will be loaded from OTP
after leaving the Power-save mode or by the Refresh command. The idea of this feature is
to provide, in the basic command set, the complete set of temperature coefficients without
an additional command. In the extended command set the temperature coefficient can be
programmed as given in Table 20 and Table 30.
18.1.3 Seal bit
The module maker programming is performed in a special mode: the calibration mode
(CALMM). This mode is entered via a special interface command, CALMM. To prevent
unwanted programming, a seal bit has been implemented which prevents the device from
entering the calibration mode. This seal bit, once programmed, cannot be reversed so
further changes in programmed values are not possible.
Applying the programming voltages when not in CALMM mode has no effect on the
programmed values.
0 1010
+10
1 0101
−11
0 1011
+11
1 0100
−12
0 1100
+12
1 0011
−13
0 1101
+13
1 0010
−14
0 1110
+14
1 0001
−15
0 1111
+15
1 0000
−16
Fig 51. VLCD calibration
Table 36.
VOS/MMVOPCAL values in two’s complement notation …continued
Binary
Decimal
Binary
Decimal
mgu287
OTP VLCD calibration: 5-bit offset
MMVOPCAL[4:0]
VOP[7:0]
range: 0 to
+255
range
−16 to +15
range
−16 to +15
range 0 to
+255
usable range
+32 to +255
to high voltage
generator
laser trim pins: 5-bit offset
VOS[4:0]
VPR register: 8-bit value
VPR[7:0]
+
+
Table 37.
Seal bit definition
Seal bit
Action
0
possible to enter calibration mode
1
calibration mode disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com