Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 71Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 72Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 73Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 74Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 75Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 76Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
73 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
18.1.6 Example sequence for filling the shift register
An example of the sequence of commands and data is shown in Table 39. In this example
the shift register is filled with the following data: MMVOPCAL =
−4 (1 1100b), MMTC = 2
(010b) and the seal bit is logic 0.
It is assumed that the PCF8811 has just been reset. After transmitting the last bit the
PCF8811 can either exit or remain in the CALMM mode; see Table 39, Step 1. It should
be noted that while in CALMM mode the interface does not recognize commands in the
normal sense.
After this sequence has been applied it is possible to observe the impact of the data
shifted in. The described sequence is, however, not useful for OTP programming because
the number of bits with the value logic 1 is greater than that allowed for programming;
see Section 18.1.7. The shift register after this action is shown in Figure 53.
[1]
X = value without meaning.
[2]
The data for the bits is not in the correct shift register position until all bits have been sent.
18.1.7 Programming flow
Programming is achieved whilst in CALMM mode and with the application of the
programming voltages. As mentioned previously, the data for programming the OTP cell is
contained in the corresponding shift register cell. The shift register cell must be loaded
Table 39.
Sequence for filling the shift register; example 1[1]
Step Pad
Command byte
Action
EXT
D/C
R/W/WR DB7
DB6
DB5
DB4 DB3 DB2 DB1 DB0
1
X
0
0
1
1
1
0
0
0
0
1
exit power-down
2
-
-
-
-
-
-
-
-
-
-
-
wait 5 ms for refresh to take effect
3
X
0
0
1
0
0
0
0
0
1
0
enter CALMM mode
4
X
0
0
1
X
X
X
X
X
X
1
shift in data; MMVOPCAL[4] is first bit [2]
5
X
0
0
1
X
X
X
X
X
X
1
MMVOPCAL[3]
6
X
0
0
1
X
X
X
X
X
X
1
MMVOPCAL[2]
7
X
0
0
1
X
X
X
X
X
X
0
MMVOPCAL[1]
8
X
0
0
1
X
X
X
X
X
X
0
MMVOPCAL[0]
9
X
0
0
1
X
X
X
X
X
X
0
MMTC[2]
10
X
0
0
1
X
X
X
X
X
X
1
MMTC[1]
11
X
0
0
1
X
X
X
X
X
X
0
MMTC[0]
12
X
0
0
0
X
X
X
X
X
X
0
seal bit; exit CALMM mode
An alternative ending could be to stay in CALMM mode
13
X
0
0
1
1
1
1
1
1
1
0
seal bit; remain in CALMM mode
Fig 53. Shift register contents after example sequence; see Table 39
MSB
LSB
shifting
direction
0
mgw765
MMTC[2:0]
SEAL
BIT = 0
1
0
MSB
LSB
0
MMVOPCAL[4:0]
OTP SHIFT REGISTER
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com