Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
41 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
[1]
X = value without meaning.
[2]
Bit DON can only be addressed after bit DAL is activated.
[3]
Bit DAL has priority over bit E.
[1]
This is the only default setting after reset; another setting can be selected with the ‘set partial display mode’
command.
12.1.2 Specific commands of the basic command set
Table 13.
Power-save mode (PSM), OS, DON, DAL and E combinations[1]
PSM
OS
DON
DAL
E
Description
0
0
X
X
X
oscillator off; HVgen disabled
0
1
X
0
X
oscillator on; HVgen disabled
0101X
display off; pads Rn/Cn at VSS; oscillator off;
HVgen disabled[2]
01100normal display mode
01101inverse display mode
0111X
all pixels on[3]
1
X
X
X
X
Power-save mode: display off; pads Rn/Cn at VSS;
oscillator off; HVgen disabled
Table 14.
Read status byte
Bit
Description
BUSY
if BUSY = 0 the chip is able to accept new commands
DON
same bit as in Table 13
RES
if RES = 1 a reset is in progress
MF[2:0]
device manufacturer ID
DS0
device recognition; see Table 15
Table 15.
Device recognition[1]
DS0
Description
0
64 row driver
1
80 row driver
Table 16.
Multiplication settings
S[1:0]
Description
00
4
× voltage multiplier
01
5
× voltage multiplier
10
6
× voltage multiplier
11
7
× voltage multiplier
Table 17.
Specific basic commands
Bit
Description
Reset state
VPR[5:0]
programming value of VLCD
00 0000
VOFF[2:0]
offset for the programming value of VLCD
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com