Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 62Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 63Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 64Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 65Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
62 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
[1]
All specified timings are based on 20 % and 80 % of VDD.
[2]
tH5 is the time from the previous SCLK rising edge (irrespective of the state of SCE) to the falling edge of
SCE.
[3]
SDO disable time for SPI 3-line or 4-line.
[4]
SDO disable time for 3-line serial interface.
[5]
Maximum values are for fSCLK = 9 MHz. Series resistance includes ITO track + connector resistance +
printed-circuit board.
t3
SCE hold time
50
-
ns
t4
SDO disable time
[4] 25
100
ns
Cb
capacitive load for SDO
[5] -30
pF
Rb
series resistance for SDO
[5] -
500
Ω
Table 33.
Serial interface timing characteristics[1] …continued
VDD1 = 1.8 V to 3.3 V; VSS = 0 V; VLCD ≤ 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified;
see Figure 41, Figure 42, Figure 43 and Figure 44.
Symbol
Parameter
Min
Max
Unit
Fig 41. 3-line serial interface timing
mgw757
tH1
tPWH1
tPWL1
tS1
tS2
tS2
tH2
tH5
Tcyc
(tH5)
tPWH2
SCE
SCLK
SDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com