Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 30Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 31Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 32Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 33Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
31 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
11. I2C-bus interface
11.1 Characteristics of the I2C-bus (Hs-mode)
The I2C-bus Hs-mode is for bidirectional, two-line communication between different ICs or
modules with speeds of up to 3.4 MHz. The only difference between Hs-mode slave
devices and F/S-mode slave devices is the speed at which they operate. Because of this
the buffers on the SCLH and SDAH have open-drain outputs. This is the same for I2C-bus
master devices which have an open-drain SDAH output and a combination of an
open-drain, pull-down and current source pull-up circuits on the SCLH output. Only the
current source of one master is enabled at any one time, and only during Hs-mode. Both
lines must be connected to a positive supply via a pull-up resistor.
Data transfer may be initiated only when the bus is not busy.
11.1.1 System configuration
The system configuration is shown in Figure 25.
Definitions of the I2C-bus terminology:
• transmitter: the device which sends the data to the bus
• receiver: the device which receives the data from the bus
• master: the device which initiates a transfer, generates clock signals and terminates a
transfer
• slave: the device addressed by a master
• multi-master: more than one master can attempt to control the bus at the same time
without corrupting the message
• arbitration: procedure to ensure that, if more than one master simultaneously tries to
control the bus, only one is allowed to do so and the message is not corrupted
• synchronization: procedure to synchronize the clock signals of two or more devices
Fig 24. Read mode serial interface 3-line
001aai351
SCE
SCLK
SDATA
SDO
DB7
D/C
DB6 DB5 DB4
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DB3 DB2
DB1 DB0
D/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com