Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
40 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
b) VOFF[2:0]
c) must be followed by another command.
[9]
One fixed TC is set automatically if the basic command set is used.
[10] Bias system settings which can be received when the chip is used as a replacement for the Alt-Pleshko driving method (NOP).
[11] Only for multiplex rates 1:64 and 1:80. The number of simultaneous rows can be set manually to p = 4; see Table 18.
12.1 Instruction set commands
12.1.1 Common instructions of the basic and extended command set
[1]
Partial displays can be selected in steps of 8, when the icon mode is not selected. When the icon mode is
selected, partial displays can be selected in steps of 16. For example, without icons the available partial
display sizes are 8, 16, 24, 32, 40, 48, 56, 64 or 72 lines. With icons there are 16, 32, 48 or 64 lines
possible.
Table 11.
Common commands
Bit
Logic 0
Logic 1
Reset state
DON
display off
display on
0
E
normal display
inverse video mode
0
DAL
normal display
all pixels on
0
MX
no X mirroring
X mirroring
0
MY
no Y mirroring
Y mirroring
0
OC
stop frame frequency
calibration
start frame frequency
calibration
0
OS
internal oscillator off
start internal oscillator
0
X[6:0]
set X address (column) for writing in the RAM
000 0000
Y[3:0]
set Y address (bank) for writing in the RAM
0000
Xmax[6:0] set wrap around X address (column)
111 1111
Ymax[3:0] set wrap around Y address (bank)
1001
L[6:0]
sets line address of the display; this command
cannot access the icon driver row, row 80, if the
icon row is enabled
000 0000
C[6:0]
sets the initial row 0 of the display; this command
cannot access the icon driver row, row 80, if the
icon row is enabled
000 0000
P[6:0]
partial display mode 1:16 to 1:80
[1] 101 0000 (1:80)/100 0000 (1:64)
PC[1:0]
switch HV multiplier on/off
00
S[1:0]
charge pump multiplication factor
00
Table 12.
Power control register
PC[1:0]
Description
00
HVgen off
x1
HVgen on
1x
HVgen on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com