Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 62Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 63Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 64Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
61 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
16.2 Serial interface timing characteristics
Fig 40. Parallel interface timing; 6800 series (write mode)
001aai347
tSU;DAT
tHD;DAT
tDS(L)
Tcyc(DS)
tDS(H)
tDAT;ACC
tDAT;OH
tHD;DC
tSU;DC
tHD;RW
tSU;RW
D0 to D7
(Write)
D0 to D7
(Read)
E
D/C
D/C, R/W/WR
SCE
Table 33.
Serial interface timing characteristics[1]
VDD1 = 1.8 V to 3.3 V; VSS = 0 V; VLCD ≤ 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified;
see Figure 41, Figure 42, Figure 43 and Figure 44.
Symbol
Parameter
Min
Max
Unit
fSCLK
clock frequency
9.00
-
MHz
Tcyc
clock cycle SCLK
111
-
ns
tPWH1
SCLK pulse width HIGH
45
-
ns
tPWL1
SCLK pulse width LOW
45
-
ns
tS2
SCE set-up time
50
-
ns
tH2
SCE hold time
45
-
ns
tPWH2
SCE minimum HIGH time
50
-
ns
tH5
SCE start hold time
[2] 50
-
ns
tS3
data/command set-up time
50
-
ns
tH3
data/command hold time
50
-
ns
tS1
SDATA set-up time
50
-
ns
tH1
SDATA hold time
50
-
ns
t1
SDO access time
-
50
ns
t2
SDO disable time
[3] -50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com