Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 47Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 48Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 49Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 50Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 51Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
49 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
12.10 Set VOP value
For multiplex rate 1:80 the optimum operation voltage of a liquid can be calculated with the
variables given in Table 25, Equation 1 and Equation 2.
(3)
Where VTH is the threshold voltage of the liquid crystal material used.
The programming method for the VOP value is implemented differently in the basic
command set from that in the extended command set. In the basic command set two
commands are sent to the PCF8811: namely VPR[5:0] and VOFF[2:0]. In the extended
command set only one command VPR[7:0] is sent to the PCF8811. The programming of
VOP in the basic command set can be used when the PCF8811 is used as a replacement
for an IAPT (Improved Alt-Pleshko Technique) LCD driver. The ROM look-up table
Table 28 shows the possible values for VOFF[2:0], VPR[5:0], VOP[7:0] and VLCD.
12.10.1 Basic command set
The VLCD at T = TCUT in the basic command set is determined by the conversion in the
ROM look-up table with the programmed values of VPR[5:0] and VOFF[2:0]. It can,
additionally, be adjusted with the VLCD offset pads VOS[4:0] to obtain the optimum optical
performance.
Example: To get the value of 6 V for VLCD the following values have to be taken;
see Table 26.
Table 25.
Relationship between multiplex rates and bias setting variables with the icon row
(only extended command set)
Multiplex rate
Variable
N
m
p
1:16
24
49
2
1:32
40
49
4
1:48
56
81
8
1:64
80
81
8
1:80
80
81
8
V
LCD
2
8
-------
V
TH
80
2
------
81
81
80
–
–
81
1
–
----------------------------------------
×
×
×
4.472
V
TH
×
==
Fig 35. Setting of VOP in the basic and extended command set
mgw753
VLCD
LOOK-UP
TABLE
ROM
1
0
MMVOPCAL[4:0]
VOS[4:0]
VOP[7:0]
VPR[7:0]
rom_add[8:0]
VPR[5:0]
VOFF[2:0]
b
EXT
EXT = 1
EXT = 0
a
7 6 5 4 3 2 1 0 2 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com