Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811MU/2DA/1 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
58 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
[1]
The maximum possible VLCD voltage that can be generated is dependent on voltage, temperature and (display) load.
VIH
HIGH-level input voltage
0.8VDD1
-VDD1
V
IL
leakage current
VI = VDD or VSS
−1-
+1
µA
Column and row outputs
Rcol
column output resistance C0 to C127; VLCD = 5 V
-
-
5
k
Ω
Rrow
row output resistance
R0 to R79; VLCD = 5 V
-
-
5
k
Ω
Vbias(col) bias tolerance voltage
C0 to C127
−100
0
+100
mV
Vbias(row) bias tolerance voltage
R0 to R80
−100
0
+100
mV
LCD supply voltage multiplier
TC0
LCD voltage temperature
coefficient 0
-0
-
1
⁄°C
TC1
LCD voltage temperature
coefficient 1
-
−0.16 × 10−3
-
1
⁄°C
TC2
LCD voltage temperature
coefficient 2
-
−0.33 × 10−3
-
1
⁄°C
TC3
LCD voltage temperature
coefficient 3
-
−0.50 × 10−3
-
1
⁄°C
TC4
LCD voltage temperature
coefficient 4
-
−0.66 × 10−3
-
1
⁄°C
TC5
LCD voltage temperature
coefficient 5
-
−0.833 × 10−3 -
1
⁄°C
TC6
LCD voltage temperature
coefficient 6
-
−1.25 × 10−3
-
1
⁄°C
TC7
LCD voltage temperature
coefficient 7
[6] -
−1.66 × 10−3
-
1
⁄°C
Parallel interface; VDD1 = 1.8 V to 3.3 V
Vi
input voltage
−0.5
-
VDD1 + 0.5 V
VIL
LOW-level input voltage
VSS
-
0.2VDD1
V
VIH
HIGH-level input voltage
0.8VDD1
-VDD1
V
Serial interface; VDD1 = 1.7 V to 3.3 V
Vi
input voltage
−0.5
-
VDD1 + 0.5 V
VIL
LOW-level input voltage
VSS
-
0.2VDD1
V
VIH
HIGH-level input voltage
0.8VDD1
-VDD1
V
I2C-bus interface; VDD1 = 1.8 V to 3.3 V
Vi
input voltage
−0.5
-
+3.3
V
IOL(SDA)
LOW-level output current
on pin SDAH
VOL = 0.4 V; VDD1 > 2 V
-
-
3
mA
VOL = 0.2 VDD1; VDD1 < 2 V
-
-
2
mA
VIL
LOW-level input voltage
VSS
-
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
-VDD1
V
Output levels for all interfaces
VOL
LOW-level output voltage IOL = 0.5 mA
VSS
-
0.2VDD1
V
VOH
HIGH-level output voltage IOH = −0.5 mA
0.8VDD1
-VDD1
V
Table 30.
Static characteristics …continued
VDD1 = 1.7 V to 3.3 V; VSS = 0 V; VLCD = 3 V to 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com